Electronic Components Datasheet Search
  English  ▼

X  

TS36ILS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # TS36ILS
Description  Low forward voltage, high current capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TS36ILS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  TS36ILS Datasheet HTML 1Page - Pan Jit International Inc. TS36ILS Datasheet HTML 2Page - Pan Jit International Inc. TS36ILS Datasheet HTML 3Page - Pan Jit International Inc. TS36ILS Datasheet HTML 4Page - Pan Jit International Inc. TS36ILS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
February 26,2014-REV.00
TS360ILS
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 4K per 13" plastic Reel
T/R - 1K per 7" plastic Reel
0.157
(4.00)
0.037
(0.95)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com