Electronic Components Datasheet Search
  English  ▼

X  

VN31-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN31-E
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN31-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN31-E Datasheet HTML 1Page - STMicroelectronics VN31-E Datasheet HTML 2Page - STMicroelectronics VN31-E Datasheet HTML 3Page - STMicroelectronics VN31-E Datasheet HTML 4Page - STMicroelectronics VN31-E Datasheet HTML 5Page - STMicroelectronics VN31-E Datasheet HTML 6Page - STMicroelectronics VN31-E Datasheet HTML 7Page - STMicroelectronics VN31-E Datasheet HTML 8Page - STMicroelectronics VN31-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2004
VN31
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
REV. 2
Table 1. General Features
Note: 1. In= Nominal current according to ISO definition for high
side automotive switch. The Nominal Current is the
current at Tc = 85 °C for battery voltage of 13V which
produces a voltage drop of 0.5 V.
■ MAXIMUM CONTINUOUS OUTPUT
CURRENT (note 2): 31 A @ Tc= 85°C
■ 5V LOGIC LEVEL COMPATIBLE INPUT
■ THERMAL SHUT-DOWN
■ UNDER VOLTAGE PROTECTION
■ OPEN DRAIN DIAGNOSTIC OUTPUT
■ INDUCTIVE LOAD FAST DEMAGNETIZATION
■ VERY LOW STAND-BY POWER
DISSIPATION
Note: 2. The maximum continuous output current is the current at
Tc = 85 °C for a battery voltage of 13 V which does not
activate self protection.
DESCRIPTION
The VN31 is a monolithic device made using
STMicroelectronics
VIPower
Technology,
intended for driving resistive or inductive loads
with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The open drain diagnostic output indicates: open
load in off state and in on state, output shorted to
VCC and overtemperature. Fast demagnetization
of inductive loads is achieved by negative (-18V)
load voltage at turn-off.
Figure 1. Package
Table 2. Order Codes
Type
VDSS
RDS(on)
In
(1)
VCC
VN31
60 V
0.03
Ω
11.5 A
26 V
PENTAWATT
(vertical)
PENTAWATT
(horizontal)
PENTAWATT
(in-line)
Package
Tube
Tape and Reel
PENTAWATT Vert.
VN31
-
PENTAWATT Hor.
VN31(011Y)
-
PENTAWATT In line
VN31(012Y)
-
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VN31-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31 STMICROELECTRONICS-VN31 Datasheet
219Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN31011Y STMICROELECTRONICS-VN31011Y Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31012Y STMICROELECTRONICS-VN31012Y Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31SP STMICROELECTRONICS-VN31SP Datasheet
231Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
More results

Similar Description - VN31-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN03 STMICROELECTRONICS-VN03 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16BSP STMICROELECTRONICS-VN16BSP Datasheet
80Kb / 9P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1998
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B_04 Datasheet
209Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN16BSP STMICROELECTRONICS-VN16BSP_04 Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN21 STMICROELECTRONICS-VN21_04 Datasheet
221Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
Iso high side smart power solid state relay
24-Nov-2008
VND10BSPTR-E STMICROELECTRONICS-VND10BSPTR-E Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com