Electronic Components Datasheet Search
  English  ▼

X  

ZD4698 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD4698
Description  500mW Zener Diode Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD4698 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD4698 Datasheet HTML 1Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 2Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 3Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 4Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 5Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 6Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 7Page - Cystech Electonics Corp. ZD4698 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C190SH
Issued Date : 2013.05.02
Revised Date : 2013.09.04
Page No. : 2/8
ZD46XXSH series
CYStek Product Specification
Absolute Maximum Ratings(Tj=25℃, unless otherwise specified)
• Maximum Temperatures
Operating and Storage Temperature Range Tj,Tstg............................................................. -65~+150
°C
• Maximum Forward Voltage @ IF=10mA ………………………………………………………........0.9V
• Maximum Power Dissipation
Total Power Dissipation @TL=75
°C
Ptot (Note 1) ……………………………………………500 mW
• Thermal Resistance, Junction to Ambient Air RθJL (Note 1)……………………………….…….150℃/W
• Maximum Z-current………………………………………………………………………….. Ptot/VZ mA
Note : 1. Parts mounted on FR-5 board with area of 3.5inch × 1.5inch.
Electrical Characteristic (Ta=25℃, unless otherwise noted)
Symbol
Parameter
VZ
Reverse zener voltage @ IZT
IZT
Reverse current
IR
Reverse leakage current @ VR
VR
Reverse voltage
IF
Forward current
VF
Forward voltage @ IF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com