Electronic Components Datasheet Search
  English  ▼

X  

LB2401 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # LB2401
Description  RF POWER LDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LB2401 Datasheet(HTML) 1 Page - Polyfet RF Devices

  LB2401 Datasheet HTML 1Page - Polyfet RF Devices LB2401 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
Push - Pull
LB
40.0
1.8
110.0
0.48 C/W
65
7.0
24.00
1.0
60
0.20
10.00
18.0
380
0.30
70
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.80
50.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.80
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.80
1,000
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
1,000
1,000
Common Source Input Capacitance
70
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
25
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS ( 125.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
125.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
28.0
Vds =
A, Vgs = Vds
Ids =
A
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet"
process features
low feedback and output capacitances,
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
REVISION 03/14/2014
20
25 C )
WATTS OUTPUT )
200
polyfet rf devices
LB2401
20:1
ROHS COMPLIANT


Similar Part No. - LB2401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
LB240DS01 SIPAT-LB240DS01 Datasheet
152Kb / 3P
240MHz SAW Filter
logo
SL Power Electronics
LB240S SLPOWER-LB240S Datasheet
280Kb / 4P
240W Single Output LED Supply
LB240S24K SLPOWER-LB240S24K Datasheet
280Kb / 4P
240W Single Output LED Supply
LB240S48K SLPOWER-LB240S48K Datasheet
280Kb / 4P
240W Single Output LED Supply
More results

Similar Description - LB2401

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com