Electronic Components Datasheet Search
  English  ▼

X  

BSV16 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BSV16
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSV16 Datasheet(HTML) 1 Page - Continental Device India Limited

  BSV16 Datasheet HTML 1Page - Continental Device India Limited BSV16 Datasheet HTML 2Page - Continental Device India Limited BSV16 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BSV15
BSV16
BSV17
TO- 39
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BSV15 BSV16
BSV17
UNIT
Collector -Emitter Voltage
VCEO
40
60
80
V
Collector -Emitter Voltage
VCES
40
60
90
V
Emitter -Base Voltage
VEBO
5.0
5.0
5.0
V
Collector Current (DC)
IC
1.0
A
Base Current (DC)
IB
200
mA
Power Dissipation up to Tamb=25 degC
Ptot
0.8
W
Power Dissipation up to Tcase=25 degC
5.0
W
Power Dissipation up to Tmb=50 degC
5.0
W
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
220
K/W
Junction to Case
Rth(j-c)
35
K/W
Junction to Mounting Base
Rth(j-mb)
30
K/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
BSV15
BSV16
BSV17 UNIT
Collector-Cut off Current
ICES
VBE=0, VCE=40V
<100
-
-
nA
VBE=0, VCE=60V
-
<100
-
nA
VBE=0, VCE=80V
-
-
<100
nA
Tamb=150 deg C
VBE=0, VCE=40V
<50
-
-
uA
VBE=0, VCE=60V
-
<50
-
uA
VBE=0, VCE=80V
-
-
<50
uA
ICEX
Tamb=100 deg C
VBE=0.2V, VCE=40V
<50
-
-
uA
VBE=0.2V, VCE=60V
-
<50
-
uA
VBE=0.2V, VCE=80V
-
-
<50
uA
Emitter-Cut off Current
IEBO
IC=0, VEB=4V
<50
<50
<50
nA
Collector -Emitter Voltage
VCEO*
IC=50mA, IB=0
>40
>60
>80
V
VCES
VBE=0, IC=10uA
>40
>60
>90
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
>5.0
>5.0
>5.0
V
Base Emitter on Voltage
VBE(on) IC=100mA, VCE=1V
ALL
<1.0
V
IC=500mA, VCE=1V
ALL
0.7 to 1.4
V
Collector Emitter Saturation Voltage
VCE(Sat) IC=500mA,IB=25mA
ALL
<1.0
V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BSV16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSV16 SIEMENS-BSV16 Datasheet
261Kb / 8P
PNP SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BSV16 CENTRAL-BSV16 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Comset Semiconductor
BSV16 COMSET-BSV16 Datasheet
81Kb / 4P
MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BSV16 NJSEMI-BSV16 Datasheet
172Kb / 2P
PNP medium power transistors
logo
NXP Semiconductors
BSV16 PHILIPS-BSV16 Datasheet
58Kb / 8P
PNP medium power transistors
1997 Apr 22
More results

Similar Description - BSV16

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com