Electronic Components Datasheet Search
  English  ▼

X  

BF959 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BF959
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF959 Datasheet(HTML) 2 Page - Continental Device India Limited

  BF959 Datasheet HTML 1Page - Continental Device India Limited BF959 Datasheet HTML 2Page - Continental Device India Limited BF959 Datasheet HTML 3Page - Continental Device India Limited BF959 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
BF959
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCEO
IC=1mA,IB=0
20
V
Collector Base Breakdown Voltage
BVCBO
IC=10µA,IE=0
30
V
Emitter Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
3V
Collector Cut off Current
ICBO
VCB=20V, IE = 0
100
nA
DC Current Gain
hFE
VCE=10V,IC=5mA
35
VCE=10V,IC=20mA
40
Base Emitter Saturation Voltage
VBE(sat) IC=30mA,IB=2mA
1.0
V
Collector Emitter Saturation
VCE(sat) IC=30mA,IB=2mA
1.0
V
Voltage
DYNAMIC CHARACTERSTICS
Transition Frequency
fT
IC=20mA, VCE=10V,
700
MHz
f=100MHz
IC=30mA, VCE=10V,
600
MHz
f=100MHz
Common Emitter Feedback
Cre
VCB=10V, f=10MHz
0.65
pF
Capacitance
Noise Figure
NF
IC=4mA, VCE =10V
3.0
dB
Rs=50
Ω, f=200MHz
VALUE
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com