Electronic Components Datasheet Search
  English  ▼

X  

BF840 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BF840
Description  SILICON PLANAR TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF840 Datasheet(HTML) 2 Page - Continental Device India Limited

  BF840 Datasheet HTML 1Page - Continental Device India Limited BF840 Datasheet HTML 2Page - Continental Device India Limited BF840 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
VCB0
max.
40 V
Collector–emitter voltage (open base)
VCE0
max.
40 V
Emitter–base voltage (open collector)
VEB0
max.
4 V
Collector current (d.c.)
IC
max.
25 mA
Total power dissipation up to Tamb = 25 °C*
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 ° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
500 K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; VCB = 20 V
ICBO
max.
100 nA
Base–emitter voltage
IC = 1 mA; VCE = 10 V
VBE
typ.
700 mV
650 to 740 mV
BF840
BF841
Base current
IC: 1 mA; VCE = 10 V
IB
4,5–15 8–28
m
A
Transition frequency at f = 100 MHz
IC = 1 mA; VCE = 10 V
fT
typ.
380
380
MHz
Feedback capacitance at f = 1 MHz
IC = 1 mA; VCE = 10 V
Cre
typ.
0,3
0,3
pF
Noise figure
IC = 1 mA; VCE = 10 V;
f = 0,2 MHz; RS = 200 W
F
typ.
1,5
2,0
dB
BF840
BF841



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com