Electronic Components Datasheet Search
  English  ▼

X  

BF471 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF471
Description  NPN PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF471 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF471 Datasheet HTML 1Page - Continental Device India Limited BF471 Datasheet HTML 2Page - Continental Device India Limited BF471 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN PLASTIC POWER TRANSISTORS
BF 469, BF471
TO126
Plastic Package
Complementary BF470, 472
Video Applications in TV
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
469
471
UNITS
Collector Base Voltage(open emitter)
VCBO
>250
>300
V
Collector Emitter Voltage (open base)
VCEO
>250
V
Collector Emitter Voltage (RBE =2.7KΩ)
VCER
<300
V
Emitter Base Voltage(open collector)
VEBO
>5.0
V
Collector Current
IC
<30
mA
Collector current (Peak Value)
ICM
<100
mA
Total Power Dissipation@ Tc=110ºC
Ptot
<2
W
Junction Temperature
Tj
<150
ºC
Storage Temperature
Tstg
-65 to +150
ºC
THERMAL RESISTANCE
From Junction to case
Rth(j-c)
20
K/W
From Junction to ambient
Rth(j-a)
100
K/W
ELECTRICAL CHARACTERISTICS (Ta=25°C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
469
471
UNITS
Collector-Cut off Current
ICBO
IE =0, VCB =200V
<100
n
Α
ICER
RBE=2.7kΩ,
<50
n
Α
VCE=250V
ICER
RBE=2.7kΩ,
<10
µA
VCE=200V,TJ=150ºC
Emitter cut off Current
IEBO
VEB =5V, IC =0
<10
n
Α
Breakdown Voltages
VCEO
IC =1mA, IB =0
>250
V
VCER
IC=1uA,RBE=2.7KΩ
>300
V
VCBO
IC =10uA, IE =0
>250
>300
V
VEBO
IC =0, IE =10uA
>5.0
V
DC Current Gain
hFE
IC=25mA,VCE=20V
>50
Transition Frequency
fT
IC=10mA, VCE=10V
>60
MHz
Feedback Capacitance f=0.5MHz
Cre
IC=0, VCE=30V
>1.8
pF

B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BF471

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF471 PHILIPS-BF471 Datasheet
64Kb / 8P
NPN high-voltage transistors
1996 Dec 09
logo
Siemens Semiconductor G...
BF471 SIEMENS-BF471 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BF471 NJSEMI-BF471 Datasheet
99Kb / 3P
NPN high-voltage transistors
logo
List of Unclassifed Man...
BF471 ETC2-BF471 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BF471

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com