Electronic Components Datasheet Search
  English  ▼

X  

BF391 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BF391
Description  NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF391 Datasheet(HTML) 2 Page - Continental Device India Limited

  BF391 Datasheet HTML 1Page - Continental Device India Limited BF391 Datasheet HTML 2Page - Continental Device India Limited BF391 Datasheet HTML 3Page - Continental Device India Limited BF391 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
BF391
BF392
BF393
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
391
392
393
UNITS
Collector Emitter Saturation Voltage
VCE(sat)
IC=20mA,IB=2mA
<2
<2
<2
V
Base Emitter Saturation Voltage
VBE(sat)
IC=20mA,IB=2mA
<2
<2
<2
V
Feedback Capacitance
Cre
IE=0, VCB=60V,
<2
<2
<2
pF
f=1.0MHZ
Current Gain - Bandwidth Product
fT
Ic=10mA, VCE=20V,
>50
>50
>50
MHz
f=20MHZ
*Pulse Condition: = Pulse Width < 300us, Duty Cycle < 2%.
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com