Electronic Components Datasheet Search
  English  ▼

X  

BF392 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF392
Description  NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF392 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF392 Datasheet HTML 1Page - Continental Device India Limited BF392 Datasheet HTML 2Page - Continental Device India Limited BF392 Datasheet HTML 3Page - Continental Device India Limited BF392 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
BF391
BF392
BF393
TO-92
Plastic Package
Designed For High Voltage Video Amplifier in Television Receivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
391
392
393
UNITS
Collector Emitter Voltage
VCEO
200
250
300
V
Collector Base Voltage
VCBO
200
250
300
V
Emitter Base Voltage
VEBO
66
6
V
Collector Current Continuous
IC
500
mA
Power Dissipation@ Ta=25ºC
PD
625
mW
Power Dissipation@ Tc=25ºC
PD
1.5
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
200
ºC/W
Junction to case
Rth(j-c)
83.3
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
391
392
393
UNITS
Collector Emitter Voltage
VCEO*IC=1.0mA,IB=0
>200
>250
>300
V
Collector Base Voltage
VCBO
IC=100µA.IE=0
>200
>250
>300
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
>6
>6
>6
V
Collector Cut off Current
ICBO
VCB=160V,IE=0
<0.1
µA
VCB=200V,IE=0
<0.1
<0.1
µA
Emitter Cut off Current
IEBO
VEB=4.0V, IC = 0
<0.1
µA
VEB=6.0V, IC = 0
<0.1
<0.1
µA
DC Current Gain
hFE
IC=1.0mA,VCE=10V
>25
>25
>25
IC=10mA,VCE=10V
>40
>40
>40
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - BF392

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF392 MOTOROLA-BF392 Datasheet
116Kb / 4P
High Voltage Transistors(NPN)
logo
Micro Electronics
BF392 MICRO-ELECTRONICS-BF392 Datasheet
139Kb / 2P
NPN HIGH VOLTAGE VIDEO AMPLIFIERS
logo
TRANSYS Electronics Lim...
BF392 TEL-BF392 Datasheet
90Kb / 3P
NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
New Jersey Semi-Conduct...
BF392 NJSEMI-BF392 Datasheet
78Kb / 2P
NPN Silicon Planar High Voltage Transistors
logo
List of Unclassifed Man...
BF392 ETC-BF392 Datasheet
301Kb / 1P
PNP OUTPUT TRANSISTOR
More results

Similar Description - BF392

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Video Amplifier
logo
NXP Semiconductors
BFQ231 PHILIPS-BFQ231 Datasheet
63Kb / 8P
NPN video transistors
1997 Oct 02
BFQ232 PHILIPS-BFQ232 Datasheet
63Kb / 8P
NPN video transistors
1997 Oct 02
BFQ236 PHILIPS-BFQ236 Datasheet
56Kb / 8P
NPN video transistors
1997 Oct 02
BFQ262 PHILIPS-BFQ262 Datasheet
66Kb / 12P
NPN video transistors
1997 Oct 02
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
NPN HIGH VOLTAGE SILICON TRANSISTORS
BF391 TEL-BF391 Datasheet
90Kb / 3P
NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
BF420 TEL-BF420 Datasheet
86Kb / 3P
NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com