Electronic Components Datasheet Search
  English  ▼

X  

BF241 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF241
Description  NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF241 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF241 Datasheet HTML 1Page - Continental Device India Limited BF241 Datasheet HTML 2Page - Continental Device India Limited BF241 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
BF240
BF241
TO-92
Plastic Package
A.M.Mixer, IF Amplifiers in AM/ FM Receiver Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Power Dissipation@ Ta=25ºC
PD
mW
Dereate Above 25 deg C
mW/ ºC
Power Dissipation@ Tc=25ºC
PD
W
Dereate Above 25ºC
mW/ ºC
Operating and Storage Junction
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
BVCEO *
IC=1mA,IB=0
40
V
Collector Base Voltage
BVCBO
IC=100uA.IE=0
40
V
EmitterBase Voltage
BVEBO
IE=10uA, IC=0
4
V
Collector-Cut off Current
ICBO
VCB=20V,IE=0
0.1
uA
Base Emitter On Voltage
VBE(on)
IC=1mA,VCE=10V
0.65
0.7
0.74
V
DC Current Gain
BF240
hFE
IC=1mA,VCE=10V
65
220
BF241
35
125
Transition Frequency
BF240
fT
IC=1mA, VCE=10V
600
MHz
f=100MHz
BF241
470
MHz
Feedback Capacitance
Cre
VCB=10V, IE=0 ,
0.28
0.34
pF
f=1MHz
*Pulse Test: Pulse Width < 300us, Duty Cycle < 2%.
1
8.0
-55 to +150
Value
40
40
4
25
350
2.8
Tj, Tstg
ºC
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BF241

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BF241 NJSEMI-BF241 Datasheet
69Kb / 2P
NPN Silicon Epitaxial Planar Transistors
logo
Continental Device Indi...
BF241 CDIL-BF241 Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - BF241

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2063 ROHM-2SC2063 Datasheet
309Kb / 4P
RF Amplifier Epitaxial Planar NPN Silicon Transistors
logo
Continental Device Indi...
BF494 CDIL-BF494 Datasheet
68Kb / 4P
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com