Electronic Components Datasheet Search
  English  ▼

X  

BDX53 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BDX53
Description  NPN PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BDX53 Datasheet(HTML) 1 Page - Continental Device India Limited

  BDX53 Datasheet HTML 1Page - Continental Device India Limited BDX53 Datasheet HTML 2Page - Continental Device India Limited BDX53 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
BDX53, 53A, 53B, 53C
NPN PLASTIC POWER TRANSISTORS
BDX54, 54A, 54B, 54C
PNP PLASTIC POWER TRANSISTORS
Power Darlingtons for Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
53 53A 53B 53C
54 54A 54B 54C
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Collector current
IC
max.
8.0
A
Total power dissipation up to TC = 25°C Ptot
max.
60
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 3 A; IB = 12 mA
VCEsat
max.
2.0
V
D.C. current gain
IC = 3 A; VCE = 3 V
hFE
min.
750
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
53 53A 53B 53C
54 54A 54B 54C
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
BDX53, BDX53A, BDX53B, BDX53C
BDX54, BDX54A, BDX54B, BDX54C
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BDX53

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53 MOSPEC-BDX53 Datasheet
187Kb / 4P
POWER TRANSISTORS(8A.,45-100V,60W)
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Bourns Electronic Solut...
BDX53 BOURNS-BDX53 Datasheet
114Kb / 5P
NPN SILICON POWER DARLINGTONS
BDX53 BOURNS-BDX53 Datasheet
114Kb / 5P
NPN SILICON POWER DARLINGTONS
More results

Similar Description - BDX53

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com