Electronic Components Datasheet Search
  English  ▼

X  

BDW47 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BDW47
Description  PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BDW47 Datasheet(HTML) 1 Page - Continental Device India Limited

  BDW47 Datasheet HTML 1Page - Continental Device India Limited BDW47 Datasheet HTML 2Page - Continental Device India Limited BDW47 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
BDW47
TO-220
Plastic Package
General Purpose and Low Speed Switching Application
Complementary BDW42
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector-Emitter Voltage
VCEO
V
Collector-Base Voltage
VCBO
V
Emitter-Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Base Current
IB
A
Total Device Dissipation @ Tc=25ºC
PD
W
Derate above 25ºC
W/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNIT
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=30mA, IB=0
V
Collector Cutoff Current
ICEO
VCE=50V, IB=0
2.0
mA
Collector Cutoff Current
ICBO
VCB=100V, IE=0
1.0
mA
Emitter Cutoff Current
IEBO
VBE=5.0V, IC=0
2.0
mA
DC Current Gain
*hFE
IC=5.0A, VCE=4.0V
IC=10A, VCE=4.0V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=5.0A, IB=10mA
2.0
V
IC=10A, IB=50mA
3.0
V
Base Emitter On Voltage
*VBE (on)
IC=10A, VCE=4.0V
3.0
V
SECOND BREAKDOWN
VCE = 22.5V
A
VCE = 36V
A
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=3.0A, VCE=3.0V, f=1MHz
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
300
pF
Small-Signal Current Gain
hfe
IC=3.0A, VCE=3.0V, f=1kHz
* Pulse test : Pulse Width =300
µµs, Duty Cycle = 2.0%
** Pulse test non repetitive : Pulse Width = 250 ms
BDW47Rev140803E
300
Second Breakdown Collector Current
with Base Forward Biased
**IS/b
250
1.2
3.8
4.0
15
0.5
85
0.68
VALUE
100
100
5.0
- 55 to +150
1.47
MIN
100
1000
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BDW47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDW47 ONSEMI-BDW47 Datasheet
176Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
June, 2004 ??Rev. 11
BDW47 ONSEMI-BDW47 Datasheet
75Kb / 8P
Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW47 MOTOROLA-BDW47 Datasheet
414Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW47 ONSEMI-BDW47 Datasheet
95Kb / 7P
Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Savantic, Inc.
BDW47 SAVANTIC-BDW47 Datasheet
92Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BDW47

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV48 ZETEX-BCV48 Datasheet
16Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTOR
FMMTA64 ZETEX-FMMTA64 Datasheet
37Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTOR
FZT705 ZETEX-FZT705 Datasheet
55Kb / 2P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
MPSA77P ZETEX-MPSA77P Datasheet
19Kb / 1P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ZTX712 ZETEX-ZTX712 Datasheet
26Kb / 1P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT705 ZETEX-FXT705 Datasheet
27Kb / 1P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
CJF6668 ETC1-CJF6668 Datasheet
173Kb / 4P
PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
STBDW47 SEMTECH_ELEC-STBDW47 Datasheet
230Kb / 3P
PNP Silicon Planar Darlington Power Transistor
logo
Continental Device Indi...
CJF6668 CDIL-CJF6668 Datasheet
365Kb / 4P
PNP SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Diodes Incorporated
ZTX712 DIODES-ZTX712 Datasheet
40Kb / 1P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
MAY 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com