Electronic Components Datasheet Search
  English  ▼

X  

BD901 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD901
Description  DARLINGTON PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD901 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD901 Datasheet HTML 1Page - Continental Device India Limited BD901 Datasheet HTML 2Page - Continental Device India Limited BD901 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DARLINGTON PLASTIC POWER TRANSISTORS
BD901
NPN
BD902
PNP
TO-220
Plastic Package
ABSOLUTE MAXIMUM RATINGS (Tc=25ºC)
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Base Current
IB
A
Power Dissipation upto Tc=25ºC
Ptot
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=100mA, IB=0
100
V
Collector Cut Off Current
ICEO
VCE=50V, IB=0
0.5
mA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
2.0
mA
Collector Cut Off Current
ICBO
VCB =100V, IE=0
2.0
mA
DC Current Gain
hFE
IC=3A, VCE=3V
750
Collector Emitter Saturation Voltage
VCE (sat)
IC=3A, IB=12mA
2.5
V
Base Emitter on Voltage
VBE (on)
IC=3A, VCE=3V
2.5
V
Parallel Diode Forward Voltage
VF
IF=8A
3.5
V
BD901_902Rev261208E
8.0
- 65 to 150
- 65 to 150
VALUE
100
100
5.0
0.3
70
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD901

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD901 POINN-BD901 Datasheet
115Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD901 BOURNS-BD901 Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD901 SAVANTIC-BD901 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD901 ISC-BD901 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD901 NJSEMI-BD901 Datasheet
127Kb / 2P
Silicon NPN Darlington Power Transistor
More results

Similar Description - BD901

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
TRANSYS Electronics Lim...
BD675A TEL-BD675A Datasheet
130Kb / 3P
NPN PLASTIC POWER DARLINGTON TRANSISTORS
logo
Continental Device Indi...
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
BD675 CDIL-BD675 Datasheet
182Kb / 4P
NPN PLASTIC POWER DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com