Electronic Components Datasheet Search
  English  ▼

X  

BD707 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD707
Description  NPN SILICON PLANAR POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD707 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD707 Datasheet HTML 1Page - Continental Device India Limited BD707 Datasheet HTML 2Page - Continental Device India Limited BD707 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
BD707
TO-220
Plastic Package
For use in Power Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCER
60
V
Collector Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
12
A
Collector Peak Current
ICM
18
Base Current
IB
5A
Power Dissipation @ Tc <25 ºC
Ptot
75
W
Operating & Storage Junction
Tj, Tstg
- 65 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
1.67
ºC/W
Junction to Ambient
Rth (j-a)
70
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=60V, IE=O
100
µA
Tc=150 ºC
VCB=60V, IE=O
1.0
mA
Collector Cut off Current
ICEO
VCE=30V, IB=0
100
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
Collector Emitter Sustaining Voltage
VCEO(sus) *IC=100mA, IB=0
60
V
Collector Emitter Saturation Voltage
VCE(sat)*IC=4A, IB=0.4A
1.0
V
Knee Voltage
VCEK *IC=3A, IB= **
0.4
V
Base Emitter on Voltage
VBE(on) *
IC=4A, VCE=4V
1.5
V
DC Current Gain
hFE *IC=0.5A, VCE=2V
40
400
IC=2A, VCE=2V
30
IC=4A, VCE=4V
15
150
IC=10A, VCE=4V
5
Transition frequency
fT
IC=300mA, VCE=3V
3
MHz
*Pulsed : Pulse duration =300
µs, duty cycle1.5%
**Value for which IC=3.3A @ VCE=2V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD707 STMICROELECTRONICS-BD707 Datasheet
97Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1999
BD707 STMICROELECTRONICS-BD707 Datasheet
261Kb / 5P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD707 TEL-BD707 Datasheet
159Kb / 2P
NPN SILICON PLANAR POWER TRANSISTOR
logo
Savantic, Inc.
BD707 SAVANTIC-BD707 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD707 ISC-BD707 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD707

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3772 TEL-2N3772 Datasheet
69Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 TEL-BD707 Datasheet
159Kb / 2P
NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
2N3772 CDIL-2N3772 Datasheet
144Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com