Electronic Components Datasheet Search
  English  ▼

X  

BDX34 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BDX34
Description  NPN/PNP PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BDX34 Datasheet(HTML) 2 Page - Continental Device India Limited

  BDX34 Datasheet HTML 1Page - Continental Device India Limited BDX34 Datasheet HTML 2Page - Continental Device India Limited BDX34 Datasheet HTML 3Page - Continental Device India Limited BDX34 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN/PNP PLASTIC POWER TRANSISTORS
BDX33, 33A, 33B, 33C, 33D
BDX34, 34A, 34B, 34C, 34D
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST
BDX33
BDX33A BDX33B BDX33C BDX33D
UNIT
CONDITION
BDX34 BDX34A BDX34B BDX34C BDX34D
Emitter-Cut off Current
IEBO
VEB=5V, IC=O
<10
<10
<10
<10
<10
mA
Collector Emitter
VCE(Sat)*IC=4A, IB=8mA
<2.5
<2.5
V
Saturation Voltage
IC=3A, IB=6mA
<2.5
<2.5
<2.5
V
Base Emitter on Voltage
VBE(on)*IC=4A, VCE=3V,
<2.5V
<2.5
V
IC=3A, VCE=3V
<2.5
<2.5
<2.5
V
DC Current Gain
hFE*IC=4A, VCE=3V
>750
>750
-
-
-
IC=3A, VCE=3V
>750
>750
>750
Diode Forward Voltage
VF
IC=8A
ALL
<4
V
SECOND BREAKDOWN
Secondbreakdown
Collector Current
With Base Forward
IS/b**
VCE=25V,
Biased (non-repetitive)
BDX33 Series
>2.8
A
VCE=20V,
BDX34 Series
>3.5
A
VCE=36V,
BDX33 Series
>1.0
A
VCE=33V,
BDX34 Series
>1.0
A
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST
UNIT
CONDITION
min
max
DYNAMIC CHARACTERISTICS
Small- Signal
| hfe |Ic=1A,VCE=5V,
Current Gain
f=1MHz
1000
Output Capacitance
Cob
VCB=10V,IE=0,
f=1MHz
BDX33 series
200
pF
BDX34 series
300
Transition Frequency
fT
VCE=5V, IC=1A,
f=1MHz
ALL
3.0
MHZ
*Pulse Test:- Pulse Width<300
µs, Duty Cycle=<2%
**Pulse Test non- repetitive : Pulse Width=0.25s
VALUE
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com