Electronic Components Datasheet Search
  English  ▼

X  

BD680 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD680
Description  PNP DARLIGNTON POWER SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD680 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD680 Datasheet HTML 1Page - Continental Device India Limited BD680 Datasheet HTML 2Page - Continental Device India Limited BD680 Datasheet HTML 3Page - Continental Device India Limited BD680 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP DARLIGNTON POWER SILICON TRANSISTORS
BD676, 676A
BD678, 678A
BD680, 680A
BD682, 684
TO126
Plastic Package
DESCRIPTION
SYMBOL
TEST CONDITION
BD676
BD678
BD680 BD682 BD684
UNIT
BD676A BD678A BD680A
Collector Emitter Saturation Voltage
VCE(sat)*
NON A
IC=1.5A, IB=30mA
<-----------------<2.5 -------------->
V
A
IC=2.0A, IB=40mA
<---------------<2.8------------->
V
Base Emitter on Voltage
VBE (on)*
NON A
IC=1.5A, VCE=3V
<-----------------<2.5 -------------->
V
A
IC=2A, VCE=3V
<-----------------<2.5 -------------->
V
Small Signal Current Gain
IhfeI
IC=1.5A, VCE=3V
<------------------ >1.0------------------>
f=1MHz
*Pulse Condition: Width = 300
µs, Duty Cycle < 2%.
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com