Electronic Components Datasheet Search
  English  ▼

X  

BD240C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD240C
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD240C Datasheet(HTML) 1 Page - Continental Device India Limited

  BD240C Datasheet HTML 1Page - Continental Device India Limited BD240C Datasheet HTML 2Page - Continental Device India Limited BD240C Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
BD239, 239A, 239B, 239C NPN PLASTIC POWER TRANSISTORS
BD240, 240A, 240B, 240C PNP PLASTIC POWER TRANSISTORS
General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
239 239A 239B 239C
240 240A 240B 240C
Collector-base voltage (open emitter)
VCBO
max. 55
70
90
115
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Collector current
IC
max.
2.0
A
Total power dissipation up to TC = 25°C Ptot
max.
30
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 1 A; IB = 0.2 A
VCEsat
max.
0.7
V
D.C. current gain
IC = 0.2 A; VCE = 4 V
hFE
min.
40
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
239 239A 239B 239C
240 240A 240B 240C
Collector-base voltage (open emitter)
VCBO
max. 55
70
90
115
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
BD239, BD239A, BD239B, BD239C
BD240, BD240A, BD240B, BD240C
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD240C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD240C POINN-BD240C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD240C TRSYS-BD240C Datasheet
474Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD240C FAIRCHILD-BD240C Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD240C BOURNS-BD240C Datasheet
107Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD240C SAVANTIC-BD240C Datasheet
90Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BD240C

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
PLASTIC POWER TRANSISTORS
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
Plastic Power Transistors
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com