Electronic Components Datasheet Search
  English  ▼

X  

BD238 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD238
Description  EPITAXIAL SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD238 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD238 Datasheet HTML 1Page - Continental Device India Limited BD238 Datasheet HTML 2Page - Continental Device India Limited BD238 Datasheet HTML 3Page - Continental Device India Limited BD238 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
BD233
BD234
BD235
BD236
BD237
BD238
NPN
PNP
TO126
Plastic Package
Intended for use in Medium Power Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS
BD233
BD235
BD234
BD236
Collector Base Voltage
VCBO
45
60
V
Collector Emitter Voltage
VCEO
45
60
V
Collector Emitter Voltage (RBE=1KΩ
Ω)
VCER
45
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
2.0
A
Collector Peak Current
ICM
6.0
A
Total Dissipation @ TC=25ºC
PD
25
W
Total Dissipation @ Ta=25ºC
PD
1.25
W
Derate above 25ºC
10
mW/ ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
5.0
ºC/W
Junction to Ambient in free air
Rth (j-a)
100
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=45V, IE=0
BD233/234
100
µA
VCB=60V, IE=0
BD235/236
100
µA
VCB=100V, IE=0
BD237/238
100
µA
TC = 150ºC
VCB=45V, IE=0
BD233/234
2.0
mA
VCB=60V, IE=0
BD235/236
2.0
mA
VCB=100V, IE=0
BD237/238
2.0
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=0.1A, IB=0 BD233/234
45
V
BD235/236
60
V
BD237/238
80
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=1.0A, IB=0.1A
0.6
V
Base Emitter Voltage
*VBE (on)
IC=1.0A, VCE=2V
1.3
V
- 65 to +150
100
80
100
BD238
UNIT
DESCRIPTION
SYMBOL
BD237
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD238 STMICROELECTRONICS-BD238 Datasheet
75Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1997
logo
Fairchild Semiconductor
BD238 FAIRCHILD-BD238 Datasheet
37Kb / 4P
Medium Power Linear and Switching
logo
STMicroelectronics
BD238 STMICROELECTRONICS-BD238 Datasheet
265Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
logo
ON Semiconductor
BD238 ONSEMI-BD238 Datasheet
68Kb / 4P
Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
logo
Inchange Semiconductor ...
BD238 ISC-BD238 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BD238

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com