Electronic Components Datasheet Search
  English  ▼

X  

5AC Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5AC
Description  Neon Circuit Component Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5AC Datasheet(HTML) 1 Page - Visual Communications Company

  5AC Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Neon Circuit Component Lamps
B
C
A
Avg.>61
50-70
55-66
50-65
Avg.>59
50-60
50-58
52-65
Avg.59
50-60
50-60
Avg.59
60-80
60-80
Avg.>59
Avg.>59
Avg.70
64 Max.
52-62
52-62
Avg.>58
Avg.>50
-
52-62
60-100
60-85
75-85
60-85
60-100
68-76
64-80
60-90
60-90
62-72
62-72
60-90
120-150
105-135
60-100
60-100
75-135
65-73
68-76
65-73
60-90
65-80
125 Max.
60-80
Initial DC
V oltage
B reakdown
Initial DC
V oltage
Maintaining
5.00
3.00
5.00
5.00
5.00
0.40
0.10
0.30
0.30
0.30
0.30
0.30
0.50
0.50
5.00
5.00
2.00
0.40
0.40
0.40
0.40
0.30
1.50
0.30
mA
C urrent
Design
NE -83
NE -76
NE -68
NE -23
NE -98
NE -99
Number
Old R ef.
5AH-E
5AH-D
5AH-B
55-75
45-65
Avg.>57
70-90
55-75
55-90
1.50
1.50
1.50
NE -86
5AJ -B
5AJ -A
5AJ
5AH-A
5AH
5AG -A
5AG
5AC
5AB -T
5AB -B T
5AB -B
5AB
50-65
60-80
0.30
5AB -A
4AE
4AD
3AJ -C
3AJ
3AH
3AG -F
3AG -C
3AG -B
3AG
3AD
2AC
2AA
Number
C onfiguration
Wire T erminal
P art
NE -81


Similar Part No. - 5AC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
5AC BIVAR-5AC Datasheet
452Kb / 4P
STD PANEL MOUNT INDICATORS
12/20/05
logo
GAPTEC Electronic GmbH ...
5ACAW GAPTEC-5ACAW Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW_03S4 GAPTEC-5ACAW_03S4 Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW_05S4 GAPTEC-5ACAW_05S4 Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW_09S4 GAPTEC-5ACAW_09S4 Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results

Similar Description - 5AC

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N513 GILWAY-N513 Datasheet
108Kb / 1P
Neon Glow Lamps (Standard Brightness)
N517 GILWAY-N517 Datasheet
84Kb / 1P
Neon Glow Lamps (High Brightness) with Dark Effect
logo
Chicago Miniature Lamp,...
0912XX5X CML-0912XX5X Datasheet
219Kb / 1P
Neon Lamps T31/4(10x25mm) BA9s
0913XX5X CML-0913XX5X Datasheet
218Kb / 1P
Neon Lamps T31/4(10x25mm) EX10
0932XX5X CML-0932XX5X Datasheet
221Kb / 1P
Neon Lamps T31/4(10x25mm) BA9s
0933XX5X CML-0933XX5X Datasheet
220Kb / 1P
Neon Lamps T31/4(10x28mm) EX10
0955XX5X CML-0955XX5X Datasheet
211Kb / 1P
Neon Lamps T31/4(14x30mm) E14/17
logo
Pasternack Enterprises,...
PE5501-4 PASTERNACK-PE5501-4 Datasheet
147Kb / 1P
SHORT CIRCUIT: FEMALE:PE5501-KIT COMPONENT
logo
Elektron Components Ltd...
0145AA BULGIN-0145AA Datasheet
85Kb / 2P
Neon Indicatiors (Neon, LED and Filament Lamps)
logo
Visual Communications C...
A1G VCC-A1G Datasheet
77Kb / 2P
Neon Indicator Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com