Electronic Components Datasheet Search
  English  ▼

X  

214913 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 214913
Description  Federleiste THR, Powerm. 6mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

214913 Datasheet(HTML) 1 Page - ERNI Electronics

  214913 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
≤
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6µm
Terminal Area 4-6µm tin plating
Koplanarität der Anschlüsse ≤ 0,1mm
Coplanarity Area of Termination 0,1mm
Abspulrichtung -
Reel off Direction
100
330
32,5
Tape on Reel Packaging
Verpackungseinheit: 420 Stück -
Verpackt in Gurtverpackung
-
Packaging unit: 420 pcs
prior notice.
contact one of the ERNI companies
Date
12.10.2010
f
Index
MSPEED
Female Con. THR, Powerm. 6mm
Federleiste THR, Powerm. 6mm
214913
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Ansaughaube
hood
11
6,5
11,55
0,5
0,6
1)
1) Durchmesser des Bohrers /
1)
Drill tool
Leiterplatten-Layout Vorschlag /
PCB-layout proposal
13
0,7
±0,03
0,8
11
2
4 x 2 = 8
1,5
3 x 3 = 9
0,9
±0,03
0,6 ±0,05
1
5,5
4,15
0,8
a1
a5
4 x 2 = 8
11,55
a1
16


Similar Part No. - 214913

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2149102-1 TEC-2149102-1 Datasheet
725Kb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
ERNI Electronics
214912 ERNI-214912 Datasheet
73Kb / 1P
Federleiste THR, Powerm. 4mm
214914 ERNI-214914 Datasheet
78Kb / 1P
Federleiste SMD, Powerm. 6mm
214915 ERNI-214915 Datasheet
73Kb / 1P
Federleiste THR, Powerm. 8mm
logo
Tyco Electronics
2149152-1 MACOM-2149152-1 Datasheet
4Mb / 6P
Quick Reference Guide
More results

Similar Description - 214913

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
214547 ERNI-214547 Datasheet
78Kb / 1P
Federleiste SMD, Powerm. 6mm
214912 ERNI-214912 Datasheet
73Kb / 1P
Federleiste THR, Powerm. 4mm
214914 ERNI-214914 Datasheet
78Kb / 1P
Federleiste SMD, Powerm. 6mm
214915 ERNI-214915 Datasheet
73Kb / 1P
Federleiste THR, Powerm. 8mm
100203020001 ERNI-100203020001 Datasheet
79Kb / 1P
Federleiste SMD, Powerm. 6mm
100300630001 ERNI-100300630001 Datasheet
79Kb / 1P
Federleiste SMD, Powerm. 6mm
100301180001 ERNI-100301180001 Datasheet
78Kb / 1P
Federleiste THR, Powerm. 10mm
100401530001 ERNI-100401530001 Datasheet
82Kb / 1P
Federleiste THR, Powerm. 10mm
DC0000112 ERNI-DC0000112 Datasheet
78Kb / 1P
Federleiste SMD. Powerm. 6mm Female Con, SMD, Powerm. 6mm
DC0000113 ERNI-DC0000113 Datasheet
76Kb / 1P
Federleiste THR, Powerm. 6mm Female Con. THR, Powerm. 6mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com