Electronic Components Datasheet Search
  English  ▼

X  

4304MC Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4304MC
Description  Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4304MC Datasheet(HTML) 1 Page - Visual Communications Company

  4304MC Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
Description and Features
Outline Dimensions
Outline Dimensions
Series 4303MC
•This attractive and economical mounting clip installs
quickly and provides secure mounting for T-1 high dome
LEDs such as 4303F Series.
Material: Black polypropylene
Mounting Hole: Ø.180 min. in panels up to .130 thick.
All dimensions in inches.
Series 4304MC
•This attractive and economical mounting clip installs
quickly and provides secure mounting for T-1 3/4 high
dome LEDs such as 4301H, 4304H, 4305H or 4308H
Series.
Material: Black polypropylene
Mounting Hole: Ø.250 min. in panels up to .125 thick.
PANEL MAX. .125
MOUNTING HOLE Ø.250
Ø.250
Ø.280
Ø.310
Ø.360
.165±.015
.025
.265
Ø.240
.140
Ø.210
Ø.120
.020
.210
PANEL MAX. .130
MOUNTING HOLE Ø.180
Note: use with "F" Series LEDs
Note: use with "H" Series LEDs
Ring
Clip
Lamp Holder
Collar


Similar Part No. - 4304MC

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
4304M MALLORY-4304M Datasheet
56Kb / 2P
return log
logo
Bourns Electronic Solut...
4304M-LF BOURNS-4304M-LF Datasheet
66Kb / 1P
Networks
More results

Similar Description - 4304MC

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
List of Unclassifed Man...
450-100 ETC2-450-100 Datasheet
37Kb / 1P
T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
logo
Visual Communications C...
4311 VCC-4311 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com