Electronic Components Datasheet Search
  English  ▼

X  

CM280 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM280
Description  Wedge Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM280 Datasheet(HTML) 1 Page - Visual Communications Company

  CM280 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-3 1/4 Wedge Base
C -2R
C -2F
C -2R
C -2R
C -2V
C -2V
200
25,000
1,500
3,000
1,500
3,000
4.0
.30
2.0
.90
.52
.90
.50
.34
.43
.25
.15
.25
9.84
7.00
7.00
6.30
6.30
6.30
C M947
C M190
C M147
C M555
C M447
C M444
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M559
C M127
C M285
C M740
C M820
C M159
C M259
6.30
6.30
6.00
5.00
5.00
2.47
1.38
.25
.15
.14
.07
.09
.25
.56
.65
.34
.35
.19
.25
.45
.33
5,000
5,000
1,200
1,500
1,500
30
50
C -2R
C -2R
C -2V
C -6
C -2R
C -2R
S -2
C -2R
C -2V
1,000
250
2.6
.85
.42
.13
12.0
10.0
C M3-501
C M280
C -2F
C -2F
C -2F
C -2F
C -2F
C -2V
7,500
2,500
7,000
7,000
1,500
1,000
.62
.62
3.0
.30
3.0
1.6
.08
.06
.20
.04
.17
.10
28.0
28.0
28.0
28.0
28.0
28.0
C M657
C M656
C M655
C M585
C M464
C M400
C M193
C M194
C M658
C M184
C M3-505
C M3-507
C M152
28.0
24.0
24.0
14.4
14.0
14.0
14.0
.07
.21
.13
.24
.08
.27
.33
.85
2.4
1.0
1.0
.31
2.0
2.0
10,000
5,000
5,000
5,000
15,000
1,500
5,000
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2V
C -2V
C -2V
C -2F
C -2V
C -2F
C -2F
4,000
4,000
1,000
5,000
500
1,500
1,500
1.11
.80
3.0
1.5
2.0
1.0
3.0
.25
.17
.33
.27
.24
.19
.35
12.0
12.0
13.0
14.0
14.0
14.0
14.0
C M168
C M161
C M158
C M124
C M192
C M3-509
C M3-504
MAX .
.374
MAX .
.181
MAX .
.815
MAX .
.406


Similar Part No. - CM280

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CM2801B MOTOROLA-CM2801B Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
More results

Similar Description - CM280

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1260XLF CML-1260XLF Datasheet
70Kb / 1P
T-31/4(10mm) Wedge base lamp
CM11 CML-CM11 Datasheet
223Kb / 1P
T-1 3/4 Wedge Base
CM914 CML-CM914 Datasheet
223Kb / 1P
T-5 Wedge Base
CM6502 CML-CM6502 Datasheet
222Kb / 1P
T-1 1/2 Wedge Base
logo
LUMEX INC.
SSP-01TWB2UPW12 LUMEX-SSP-01TWB2UPW12 Datasheet
56Kb / 1P
LED MINIATURE WEDGE BASE, GREEN, MILKY WHITE DIFFUSED
SSP-01TWB7UW12 LUMEX-SSP-01TWB7UW12 Datasheet
160Kb / 1P
LED MINIATURE WEDGE BASE, BLUE, MILKY WHITE DIFFUSED
logo
Visual Communications C...
CM11 VCC-CM11 Datasheet
28Kb / 1P
Wedge,Midget Screw Base
CM914 VCC-CM914 Datasheet
28Kb / 1P
Wedge Base Lens End
CM6502 VCC-CM6502 Datasheet
44Kb / 1P
Wedge Base
logo
LUMEX INC.
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
LED MINATURE WEDGE BASE LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com