Electronic Components Datasheet Search
  English  ▼

X  

SDH26P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDH26P
Description  HDB26M SOLDER CUP CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDH26P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDH26P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.54 39.1
1.312 33.3
.49 12.5
2X
.12 3
.045 1.1
.090 2.3
.078 2
.156 4
.23 5.9
.47 12
.59 15
.66 16.7
NOTES:
MATERIAL:
CONNECTOR SHELL: STEEL
CONTACTS: BRASS
CONNECTOR INSULATOR: THERMOPLASTIC, UL94V-0 RATED
FINISH:
CONTACTS: GOLD FLASH IN CONTACT AREA OVER NICKEL
FRONT SHELL: NICKEL PLATED OVER COPPER
REAR SHELL: TIN PLATED OVER COPPER
SOLDER CUPS: TIN PLATED OVER NICKEL
ELECTRICAL:
CURRENT RATING: 1 AMP MAX
DIELECTRIC WITHSTANDING: 500 Vac FOR 1 MINUTE
INSULATION RESISTANCE: 1000 MΩ MIN @500 VDC
CONTACT RESISTANCE: 30 mΩ MAX
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -55°C TO +105°C
RoHS Compliant 
CATALOG #
PACKAGING
SDH26P
1/BAG
SDH26P-TRAY
70/TRAY
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
SDH26P
D
SDH26P.SLDDRW
1
1
C.McCORMICK
12/08/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.PARHAM
12/08/2003
11/10/08
D
ECN99999:REMOVED PACKAGE IN POLYBAG NOTE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
HDB26M SOLDER CUP CONNECTOR
DSUB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
B.MAZEJKA
COLOR VARIATIONS
MAY OCCUR
11/10/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = .3
.XX = .15


Similar Part No. - SDH26P

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SDH2010-02 FRONTIER-SDH2010-02 Datasheet
46Kb / 1P
CCFL Inverter Transformer
SDH2010-02-LFR FRONTIER-SDH2010-02-LFR Datasheet
46Kb / 1P
CCFL Inverter Transformer
logo
List of Unclassifed Man...
SDH20F ETC1-SDH20F Datasheet
55Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH20F SSDI-SDH20F Datasheet
43Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20F SSDI-SDH20F Datasheet
72Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDH26P

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15PK211 YAMAICHI-CT09-15PK211 Datasheet
251Kb / 2P
180째 Solder Cup
logo
CONEC Elektronische Bau...
42-00005 CONEC-42-00005 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
42K1A283 CONEC-42K1A283 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
logo
List of Unclassifed Man...
SDH15P ETC2-SDH15P Datasheet
108Kb / 1P
HD815M SOLDER CUP CONNECTOR
logo
Adam Technologies, Inc.
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-BU ADAM-TECH-DXXX-SD-BU Datasheet
89Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-HT ADAM-TECH-DXXX-SD-HT Datasheet
128Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-MC ADAM-TECH-DXXX-SD-MC Datasheet
97Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
D-SUB SOLDER CUP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com