Electronic Components Datasheet Search
  English  ▼

X  

CM2136 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM2136
Description  Lens End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM2136 Datasheet(HTML) 1 Page - Visual Communications Company

  CM2136 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
TL-1 3/4 Midget Screw Base Lens End
GTL-1 1/2 Midget Groove Base Lens End
GTL-1 3/4 Wire Terminal Lens End
Number
Part
Voltage
Design
Amps
Hours
Life
Type
Filament
CM2124
CM2136
CM2140
2.5
2.5
2.5
.35
.35
.35
None
None
None
10,000
10,000
10,000
C-2R
C-2R
C-2R
Spot
Characteristic
MAX.
.195
MAX.
.235
MAX.
.562
MIN.
1.00
Number
Part
Voltage
Design
Amps
Hours
Life
Type
Filament
CM8299
CM3902
14.0
2.5
.08
.35
None
B*
1,000
10,000
C-2F
C-2R
Spot
Characteristic
MAX.
¯ .230
MAX.
.625
Spot
Characteristic
C-2R
C-2R
C-2R
C-2R
10,000
10,000
10,000
10,000
A*
C*
B*
None
.35
.35
.35
.35
2.5
2.5
2.5
2.5
CM8-3946
CM261
CM253X
CM253
Type
Filament
Hours
Life
Amps
Voltage
Design
Number
Part
MAX.
.687
MAX.
.195
MAX.
.235


Similar Part No. - CM2136

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM2135 VCC-CM2135 Datasheet
52Kb / 1P
Wire Terminal
logo
Winsonic Electronics
CM2135-QX80L0 WINSONIC-CM2135-QX80L0 Datasheet
141Kb / 1P
Chassis Mount, 21.3" LCD monitor, 2048 x 1536, LED 800 nits, VGA input
CM2135-UN30L2 WINSONIC-CM2135-UN30L2 Datasheet
146Kb / 1P
Chassis Mount, 21.3" LCD monitor, 1600 x 1200, LED 300 nits
CM2135-UN70L2 WINSONIC-CM2135-UN70L2 Datasheet
146Kb / 1P
Chassis Mount, 21.3" LCD monitor, 1600 x 1200, LED 700 nits
More results

Similar Description - CM2136

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
169-1 GILWAY-169-1 Datasheet
44Kb / 1P
Unbased Lens-End Lamps
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
L1005 GILWAY-L1005 Datasheet
109Kb / 3P
Focused Lens-End Lamps
L103 GILWAY-L103 Datasheet
29Kb / 1P
Lens-End Lamps
L1041 GILWAY-L1041 Datasheet
79Kb / 1P
Lens-End Halogen Lamps
ML2 GILWAY-ML2 Datasheet
85Kb / 1P
Medical Instrument Lens-End Lamps
155-1617D GILWAY-155-1617D Datasheet
105Kb / 1P
L102 lens-end lamp
logo
Visual Communications C...
CML327CTP VCC-CML327CTP Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
CM914 VCC-CM914 Datasheet
28Kb / 1P
Wedge Base Lens End
GTL-1 VCC-GTL-1 Datasheet
99Kb / 1P
Lens End
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com