Electronic Components Datasheet Search
  English  ▼

X  

AT25DF512C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
AT25DF512C
DS-25DF512C–030A–4/2014
protected state (see “Block Protection” on page 13), then the Byte/Page Program command will not be executed, and the
device will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset
back to the logical “0” state if the program cycle aborts due to an incomplete address being sent, an incomplete byte of
data being sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location to be
programmed is protected.
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the t
BP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
8.2
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array. The Main Memory
Byte/Page Program command can be utilized at a later time.
To perform a Page Erase with the standard page size (256 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of eight dummy bits, 8 page address bits (PA7 - PA0) that specify the page in
the main memory to be erased, and eight dummy bits.
When a low-to-high transition occurs on the CS pin, the device will erase the selected page (the erased state is a Logic
1). The erase operation is internally self-timed and should take place in a maximum time of t
PE. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it will be indicated by the EPE bit in the Status Register.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com