Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321D-MWU Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-MWU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MWU Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-MWU Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321D-MWU Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
11.
“Power of Two” Binary Page Size Option
“Power of two” binary page size configuration register is a user programmable, nonvolatile register that allows the page size of
the main memory to be configured for binary page size (512 bytes) or standard DataFlash page size (528 bytes). The power of
two page size is a one-time programmable configuration register, and once the device is configured for power of two page size,
it cannot be reconfigured again. The devices are initially shipped with the page size set to 528 bytes. The user has the option of
ordering binary page size (512-byte) devices from the factory. For details, please refer to Section 24., “Ordering Information” on
page 43.
For the binary power of two page size to become effective, the following steps must be followed:
1.
Program the one-time programmable configuration resister using the opcode sequence: 3DH, 2AH, 80H, and A6H
(see Section 11.1).
2.
Power cycle the device (i.e., power down and power up again).
3.
The page for the binary page size can now be programmed.
If the above steps to set the page size prior to page programming are not followed, incorrect data during a read operation may
be encountered.
11.1
Programming the Configuration Register
To program the configuration register for power of two binary page size, the CS pin must first be asserted, as it would be with
any other command. Once the CS pin has been asserted, the appropriate four-byte opcode sequence must be clocked into the
device in the correct order. The four-byte opcode sequence must start with 3DH, followed by 2AH, 80H, and A6H. After the last
bit of the opcode sequence has been clocked in, the CS pin must be deasserted to initiate the internally self-timed program
cycle. The programming of the configuration register should take place in a maximum time of tP, during which time the status
register will indicate that the device is busy. The device must be power cycled after the completion of the program cycle to set
the power of two page size. If the device is powered-down before the completion of the program cycle, then setting the
configuration register cannot be guaranteed. However, the user should check bit 0 of the status register to see whether the
page size was configured for binary page size or not. If not, the command can be issued again.
Table 11-1. Programming the Configuration Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Figure 11-1. Erase Sector Protection Register
12.
Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query and identify the device while it is
in the system. The identification method and the command opcode comply with the JEDEC standard for “Manufacturer and
Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices.” The type of information that can be read
from the device includes the JEDEC-defined manufacturer ID, the vendor-specific device ID, and the vendor-specific extended
device information.
To read the identification information, the CS pin must first be asserted, and then the opcode of 9FH must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during the
subsequent clock cycles. The first byte to be output will be the manufacturer ID, followed by two bytes of device ID information.
The fourth byte output will be the extended device information string length, which will be 00H to indicate that no extended
Power of two page size
3DH
2AH
80H
A6H
Opcode
byte 1
Opcode
byte 2
Opcode
byte 3
Opcode
byte 4
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com