Electronic Components Datasheet Search
  English  ▼

X  

SC221 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # SC221
Description  RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SC221 Datasheet(HTML) 2 Page - Polyfet RF Devices

  SC221_14 Datasheet HTML 1Page - Polyfet RF Devices SC221_14 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2C Die 1 ID & GM vs VG
0.01
0.10
1.00
10.00
02468
10
12
14
16
Vgs in Volts
I
S2C 1 DIE CAPACITANCE
0.1
1
10
100
1000
0
4
8
12
16
20
24
28
VDS IN VOLTS
Coss
Ciss
Crss
SC221 Pout/Gain vs Pin Freq=850Mhz, Vds=12.5Vdc,
Idq=.2A
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
0
0.1
0.2
0.3
0.4
0.5
PIN IN WATTS
8.00
9.00
10.00
11.00
12.00
13.00
Pout
Gain
Efficiency@2.5W = 56%
P1dB = 2.3 watts
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
SC221
S2C Die 1 IVCURVE
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
14
16
18
20
VDS INVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 06/04/2008
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com