Electronic Components Datasheet Search
  English  ▼

X  

BD157 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD157
Description  PLASTIC MEDIUM POWER SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD157 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD157 Datasheet HTML 1Page - Continental Device India Limited BD157 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN PLASTIC MEDIUM POWER SILICON TRANSISTORS
BD157, BD158
TO-126
Designed For Power Output Stages for Television, Radio, Phonograph And
Other Consumer Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD157
BD158
UNIT
Collector -Emitter Voltage
VCEO
250
300
V
Collector -Base Voltage
VCBO
275
325
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
0.5
A
Peak
IC
1.0
A
Base Current
IB
0.25
A
Power Dissipation @ Ta=25 deg C
PD
2.0
W
@ Tc=25 deg C
20
W
Derate Above =25 deg C
0.16
mW/deg C
Operating & Storage Junction
Tj, Tstg
-65 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
6.25
deg C/W
ELECTRICAL CHARACTERISTICS (Tc=25 deg C unless specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector-Emitter Sustaining Voltage VCEO
IC=1mA, IB=0
BD157 250
-
V
BD158 300
-
V
Collector-Base Voltage
VCBO
IC=100uA, IE=0
BD157 275
-
V
BD158 325
-
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
5.0
-
V
Collector Cut-off Current
ICBO
VCB=275V, IE=0
BD157
-
100
uA
VCB=325V, IE=0
BD158
-
100
uA
Emitter Cut-off Current
IEBO
VBE=5V,IC=0
-
100
uA
DC Current Gain
hFE
IC=50mA,VCE=10V
30
240
Collector Emitter Saturation Voltage
VCESAT
IC=50mA, IB=5mA
-
1.0
V
Base Emitter Saturation Voltage
VBESAT
IC=50mA, IB=5mA
-
1.0
V
Current-Gain-Bandwidth Product
ft
IC=10mA, VCE=10V
15
-
MHz
f=5 MHz
Output Capacitance
Cob
VCB=20V, f=1MHz
Typ10
pF
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
Plastic Medium Power NPN Silicon Transistor
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
Low Power Fast Switching Output Stages
logo
Inchange Semiconductor ...
BD157 ISC-BD157 Datasheet
228Kb / 2P
Silicon NPN Power Transistor
logo
Rohm
BD1571KN-E2 ROHM-BD1571KN-E2 Datasheet
236Kb / 9P
Image Correction IC for Camera
More results

Similar Description - BD157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com