Electronic Components Datasheet Search
  English  ▼

X  

BD138 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD138
Description  EPITAXIAL SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD138 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD138 Datasheet HTML 1Page - Continental Device India Limited BD138 Datasheet HTML 2Page - Continental Device India Limited BD138 Datasheet HTML 3Page - Continental Device India Limited BD138 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP EPITAXIAL SILICON POWER TRANSISTORS
BD136 BD138
BD140
TO126
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNIT
DC Current Gain
*hFE Group
IC=0.15A, VCE=2V
- 6
100
- 10
160
- 16
250
- 25
400
Collector Emitter Saturation Voltage
*VCE (sat)
IC=0.5A, IB=0.05A
0.5
V
Base Emitter On Voltage
*VBE(on)
*IC=0.5A, VCE=2V
1.0
V
*Pulse test:- Pulse width=300
µµs, duty cycle=2%
MIN
160
40
63
100
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com