Electronic Components Datasheet Search
  English  ▼

X  

BD131 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD131
Description  SILICON EPITAXIAL POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD131 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD131 Datasheet HTML 1Page - Continental Device India Limited BD131 Datasheet HTML 2Page - Continental Device India Limited BD131 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL POWER TRANSISTORS
BD131
NPN
BD132
PNP
TO-126
Plastic Package
General Purpose Medium Power Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD131
UNIT
Collector -Base Voltage
VCBO
70
V
Collector -Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6
V
Collector Current Continuous
IC
A
Peak
ICM
A
Base Current
Peak
IBM
A
Reverse Base Current Peak
-IBM
A
Total Device Dissipation upto Tamb=60ºC
Ptot
W
Junction Temperature
Tj
oC
Storage Temperature Range
Tstg
ºC
Thermal Resistance
From Junction to Mounting Base
Rth(j-mb)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
50
nA
50
nA
10
µA
10
µA
50
nA
50
nA
0.3
V
0.7
V
1.2
V
1.5
V
40
20
Dynamic Characteristics
Collector Capacitance
CC
60
pF
DC Current Gain Ratio of the
Complementary Pairs
BD131_132Rev_1 120403D
6
0.5
0.5
3
15
150
VEB=5V, IC=0
BD131
VCB=40V, IE=0
BD132
-65 to +150
TEST CONDITION
BD132
45
45
4
6
VCB=50V, IE=0
BD131
Emitter Cut-off Current
IEBO
VEB=3V, IC=0
BD132
Collector Cut-off Current
ICBO
VCB=50V, IE=0, Tj = 150
oC
BD131
VCB=40V, IE=0, Tj = 150
oC
BD132
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 0.5A, IB = 50mA
IC = 2A, IB = 200mA
Base-Emitter Saturation Voltage
VBE(sat)
IC = 0.5A, IB = 50mA
IC = 2A, IB = 200mA
DC Current Gain
hFE
VCE = 12V, IC = 0.5A
VCE = 1V, IC = 2A
IE = 0, VCB = 5V, f = 1MHz
BD131
Transition Frequency
fT
IC = 0.25A, VCE = 5V, f = 35MHz,
60
MHz
Tamb = 25
oC
hFE1/hFE2
VCE = 12V, IC = 0.5A
1.2
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
NPN power transistor
1999 Apr 12
logo
Inchange Semiconductor ...
BD131 ISC-BD131 Datasheet
115Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BD131 SAVANTIC-BD131 Datasheet
108Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD131 COMSET-BD131 Datasheet
101Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
BD131 COMSET-BD131 Datasheet
62Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results

Similar Description - BD131

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
NPN EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD233 CDIL-BD233 Datasheet
492Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com