Electronic Components Datasheet Search
  English  ▼

X  

BCY72 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCY72
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY72 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCY72 Datasheet HTML 1Page - Continental Device India Limited BCY72 Datasheet HTML 2Page - Continental Device India Limited BCY72 Datasheet HTML 3Page - Continental Device India Limited BCY72 Datasheet HTML 4Page - Continental Device India Limited BCY72 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 , 71, 72
TO-18
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
TYP
MAX
UNIT
Emitter Cut off Current
IEBO
VEB=4V, IC=0
10
nA
VEB=4V, IC=0,
2
µA
Tj =100ºC
VEB=54V, IC=0
500
nA
DC Current Gain
hFE
IC=10µA,VCE=1V
60
IC=100µA,VCE=1V
80
IC=1mA,VCE=1V
100
BCY70
IC=10mA,VCE=1V
100
BCY71
100
400
IC=50mA,VCE=1V
45
Collector Emitter Saturation Voltage
VCE(Sat) IC=10mA,IB=1mA
250
mV
IC=50mA,IB=5mA
500
mV
Base Emitter Saturation Voltage
VBE(Sat) IC=10mA,IB=1mA
600
900
V
IC=50mA,IB=5mA
1.2
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=20V
250
MHz
f=100MHz
BCY71
IC=100µA, VCE=20V
15
MHz
f=10.7MHz
Collector Capacitance
Cc
VCB=10V, IE=0, f=1MHz
6.0
pF
Emitter Capacitance
Ce
VEB=1.0V, f=1MHz, IC=0
8.0
pF
Noise Figure
NF
IC=0.1mA, VCE=5V
BCY70, 72
Rs=2K
Ω, f=10Hz to 10KHz
6
dB
BCY71
2dB
Input Impedance
hie
IC=10mA, VCE=10V, f=1KHz
4.0
K
Ω
Reverse Voltage Transfer Ratio
hre
IC=10mA, VCE=10V, f=1KHz
2.1
x10
-4
Small Signal Current Gain
| hfe |IC=10mA, VCE=10V, f=1KHz
325
Out put Admittance
hoe
IC=10mA, VCE=10V, f=1KHz
20
µmhos
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com