Electronic Components Datasheet Search
  English  ▼

X  

QT2032 Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # QT2032
Description  10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

QT2032 Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button QT2032 Datasheet HTML 35Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 36Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 37Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 38Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 39Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 40Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 41Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 42Page - Applied Micro Circuits Corporation QT2032 Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 220 page
background image
Revision 5.11
AppliedMicro - Confidential & Proprietary
39
QT2022/32 - Data Sheet: DS3051
7.1.4 Section Overhead
This layer is responsible for reliable transport of an STS-N frame across the physical medium. Its functions include
framing, scrambling and error monitoring.
7.1.5 Test Pattern Generation
The QT2032 provides WIS compliant test pattern generation features. Please refer to Section 11.5, “WIS Test Fea-
tures (QT2032 only),” on page 102 for details.
Table 11: Section Overhead Definitions
Overhead
Octet
Description
Value (Bits 1...8)
Function
A1, A2
Framing
A1 - 11110110
A2 - 00101000
These bytes are allocated in each STS-1 for framing purposes. A1, A2
bytes are never scrambled.
J0
Section Trace
Varies
This byte is defined only for STS-1 of the STS-192c frame. It is used to
transmit one fixed byte so as to allow a receiving terminal to check its
connection to an intended transmitter. This byte is specified in the
Layer Management block. J0 byte is never scrambled.
Z0
Section Growth
11001100
Unsupported, not required by IEEE 802.3 Clause 50.
B1
Section BIP-8
Varies
This byte is used for the section error monitoring function. This is a bit-
interleaved parity 8 code using even parity. It is calculated over all bits
of the previous STS-192c frame after scrambling. When using the
TOH Serial interface, the inserted value of B1 represents an inversion
mask. An inserted value of all zeroes preserves the calculated B1
octet.
E1
Orderwire
00000000
Unsupported, not required by IEEE 802.3 Clause 50.
F1
Section User
Channel
00000000
Unsupported, not required by IEEE 802.3 Clause 50.
D1-D3
Section Data
Communication
channel (DCC)
All octets set to
00000000
Unsupported, not required by IEEE 802.3 Clause 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com