Electronic Components Datasheet Search
  English  ▼

X  

BCX71H Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCX71H
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX71H Datasheet(HTML) 1 Page - Continental Device India Limited

  BCX71H Datasheet HTML 1Page - Continental Device India Limited BCX71H Datasheet HTML 2Page - Continental Device India Limited BCX71H Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
BCX71G BCX71H
BCX71J BCX71K
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
SILICON PLANAR EPITAXIAL TRANSISTORS
P–N–P silicon transistors
Marking
BCX71G = BG
BCX71H = BH
BCX71J = BJ
BCX71K = BK
ABSOLUTE MAXIMUM RATINGS
Collector–emitter voltage (VBE = 0)
–VCES
max.
45 V
Collector–emitter voltage (open base)
–VCE0
max.
45 V
Collector current (d.c.)
–I C
max.
200 mA
Total power dissipation
Ptot
max.
250 mW
Junction temperature
Tj
max.
150 ° C
Transition frequency at f = 100 MHz
–VCE = 5 V; –IC = 10 mA
fT
typ.
180 MHz
Noise figure at f = 1 kHz
–VCE = 5V; –IC = 200mA
F
typ.
2 dB
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–emitter voltage (VBE = 0)
–VCES
max.
45 V
Collector–emitter voltage (open base)
–VCE0
max.
45 V
Emitter–base voltage (open collector)
–VEB0
max.
5 V
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCX71H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71H PHILIPS-BCX71H Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Samsung semiconductor
BCX71H SAMSUNG-BCX71H Datasheet
33Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCX71H SIEMENS-BCX71H Datasheet
271Kb / 9P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BCX71H INFINEON-BCX71H Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCX71H DIOTEC-BCX71H Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCX71H

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com