Electronic Components Datasheet Search
  English  ▼

X  

BCX70G Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCX70G
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX70G Datasheet(HTML) 2 Page - Continental Device India Limited

  BCX70G Datasheet HTML 1Page - Continental Device India Limited BCX70G Datasheet HTML 2Page - Continental Device India Limited BCX70G Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current (d.c.)
IC
max.
200 mA
Base current
lB
max.
50 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 ° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a =
500 K/W
CHARACTERISTICS
Tamb: 25 °C unless otherwise specified
Collector–emitter cut–off current
VBE = 0; VCE = 45 V
ICES
<20 nA
VBE = 0; VCE = 45 V; Tamb = 150 °C
ICES
<20 mA
Emitter–base cut–off current
IC = 0; VEB = 4 V
IEB0
<20 nA
Saturation voltages
at IC = 10 mA; IB = 0,25 mA
VCEsat 0,05 to 0,35 V
VBEsat 0,6 to 0,85 V
at IC = 50 mA; IB = 1,25 mA
VCEsat 0,1 to 0,55 V
VBEsat 0,7 to 1,05 V
Transition frequency at f = 100 MHz D
>
125 MHz
IC = 10 mA; VCE = 5 V
fT
typ.
250 MHz
Collector capacitance at f = 1 MHz
IE = Ie = 0; VCB = 10 V
Cc
typ.
2,5 pF
Emitter capacitance at f = 1 MHz
IC = Ic = 0; VEB = 0,5 V
Ce
typ.
8 pF
Noise figure at RS = 2 kW ,
typ.
2 dB
IC = 200 mA; VCE = 5 V; f = 1 kHz; B = 200 Hz
F
<
6 dB
BCX70G 70H
70J
70K
D.C. current gain
VCE = 5V; lC = 10mAhFE
>
—
40
30
100
VCE = 5 V; IC = 2 mA
hFE
>
120
180
250
380
<
220
310
460
630
VCE = 1 V; IC = 50 mA
hFE
>
50
70
90
100
Small-signal current gain
>
125
175
250
350
VCE = 5 V; IC = 2 mA; f = 1 kHz
hfe
<
250
350
500
700
Output admittance
VCE = 5 V; IC = 2 mA; f = 1 kHz
hoe
typ.
18
24
30
50 mS
Base-emitter voltage
0,55 to 0.75
V
VCE = 5 V; IC = 2 mA
VBE
typ.
0,65
V
VCE = 5 V; IC = 10 mAVBE
typ.
0,52
V
VCE = 1 V; IC = 50 mA
VBE
typ.
0,78
V
BCX70G BCX70H
BCX70J BCX70K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com