Electronic Components Datasheet Search
  English  ▼

X  

BCX23 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCX23
Description  PNP SILICON PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX23 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCX23 Datasheet HTML 1Page - Continental Device India Limited BCX23 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON PLANAR TRANSISTOR
BCX23
TO-18
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCES
125
V
Collector -Emitter Voltage
VCEO
125
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
800
mA
Peak
ICM
1.0
A
Base Current
IB
100
mA
Power Dissipation @ Ta=25 deg C
Ptot
450
mW
@ Tc=45 deg C
Ptot
1.55
W
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
Thermal Resistance
Junction to Case
Rth (j-c)
100
K/W
Junction to Ambient
Rth (j-a)
390
K/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA, IB=0
125
-
-
V
VCES
IC=100uA, VBE=0
125
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
-
-
V
Collector Emitter Saturation Voltage
VCE(Sat) IC=300mA, IB=30mA
-
-
0.90
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=300mA, IB=30mA
-
-
1.4
V
Collector Cut off Current
ICES
VCE=100V, VBE=0
-
-
100
nA
Ta=150 deg C
VCE=100V, VBE=0
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC Current Gain
hFE
IC=100mA,VCE=1V
63
-
-
DYNAMIC CHARACTERISTICS
IC=200mA,VCE=1V
40
-
-
Transition Frequency
ft
IC=10mA, VCE=5V, f=20MHz
Typ
-
100
MHz
Out-Put Capacitance
Cob
VCB=10V, IE=0, f=1MHz
Typ
-
12
pF
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCX23

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX23 SIEMENS-BCX23 Datasheet
113Kb / 4P
PNP SILICON AF TRANSISTORS
logo
Central Semiconductor C...
BCX23 CENTRAL-BCX23 Datasheet
33Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
PNP silicon planar transistors
More results

Similar Description - BCX23

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
PNP SILICON PLANAR TRANSISTOR
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com