Electronic Components Datasheet Search
  English  ▼

X  

BCW89 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCW89
Description  PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCW89 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCW89 Datasheet HTML 1Page - Continental Device India Limited BCW89 Datasheet HTML 2Page - Continental Device India Limited BCW89 Datasheet HTML 3Page - Continental Device India Limited BCW89 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
SILICON PLANAR EPITAXIAL TRANSISTORS
P–N–P transistors
Marking
BCW89 = H3
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
–VCB0 max.
80 V
Collector–emitter voltage (open base)
–VCE0 max.
60 V
Collector current (peak value)
–ICM max. 200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Junction temperature
Tj
max.
150 ° C
D.C. current gain at Tj = 25 °C
>
120
–IC = 2 mA; —VCE = 5 V
hFE
<
260
Transition frequency at f: 35 MHz
–IC = 10 mA; –VCE = 5 V
fT
typ.
150 MHz
Noise figure at RS = 2 kW
–IC = 200 mA; –VCE = 5 V;
f = 1 kHz; B = 200 Hz
F
<
10 dB
BCW89
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCW89

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW89 PHILIPS-BCW89 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
KEC(Korea Electronics)
BCW89 KEC-BCW89 Datasheet
156Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCW89 DIOTEC-BCW89 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
PNP General Purpose Amplifier
logo
Zetex Semiconductors
BCW89 ZETEX-BCW89 Datasheet
163Kb / 2P
SOT23 PNP PLANAR SMALL SIGNAL TRANSISTORS
More results

Similar Description - BCW89

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Weitron Technology
2SB1188 WEITRON-2SB1188 Datasheet
128Kb / 5P
Epitaxial Planar PNP Transistors
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Weitron Technology
2SB776 WEITRON-2SB776 Datasheet
199Kb / 5P
2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
logo
SeCoS Halbleitertechnol...
BCPA42 SECOS-BCPA42 Datasheet
338Kb / 2P
Epitaxial Planar Transistors
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SeCoS Halbleitertechnol...
SZD772 SECOS-SZD772_15 Datasheet
792Kb / 3P
Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com