Electronic Components Datasheet Search
  English  ▼

X  

BCW81 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCW81
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCW81 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCW81 Datasheet HTML 1Page - Continental Device India Limited BCW81 Datasheet HTML 2Page - Continental Device India Limited BCW81 Datasheet HTML 3Page - Continental Device India Limited BCW81 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
SILICON PLANAR EPITAXIAL TRANSISTORS
N–P–N transistors
Marking
BCW81 = K3
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
VCB0
max.
50 V
Collector–emitter voltage (open base)
VCE0
max.
45 V
Collector current (peak value)
ICM
max.
200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Junction temperature
Tj
max.
150 ° C
D.C. current gain at Tj = 25 °C
>
420
IC = 2 mA, VCE = 5 V
hFE
<
800
Transition frequency at f = 35 MHz
IC = 10 mA; VCE = 5 V
fT
typ.
300 MHz
Noise figure at RS = 2 kΩ
IC = 200 µA; VCE = 5 V;
f = 1 kHz; B = 200 Hz
F
<
10 dB
BCW81
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCW81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW81 PHILIPS-BCW81 Datasheet
50Kb / 8P
NPN general purpose transistor
1997 Apr 02
More results

Similar Description - BCW81

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com