Electronic Components Datasheet Search
  English  ▼

X  

BCW67B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCW67B
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCW67B Datasheet(HTML) 2 Page - Continental Device India Limited

  BCW67B Datasheet HTML 1Page - Continental Device India Limited BCW67B Datasheet HTML 2Page - Continental Device India Limited BCW67B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
min.
250
BCW67C, 68H
hFE
max.
630
IC = 300 mA; VCE = 1 V
BCW67A, 68F
hFE
min.
35
BCW67B, 68G
hFE
min.
60
BCW67C, 68H
hFE
min.
100
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
–VCBO
max.
45
60 V
Collector–emitter voltage (open base)
–VCEO
max.
32
45 V
Emitter–base voltage (open collector)
–VEBO
max.
5
V
Collector current (d.c.)
–I C
max.
800
mA
Total power dissipation at Tamb = 25°C
Ptot
max
225
mW
Storage temperature
Tstg
–55 to +150
° C
THERMAL CHARACTERISTICS
Tj = P (Rth j–t + Rth s–a) + Tamb
Thermal resistance
from junction to ambient
Rth j–a
556
556
556
°C/mW
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector–emitter breakdown voltage
BCW67 series
68 series
IC = 10 mA; IB = 0
V(BR)CEO min.
32
45 V
IC = 10 mA; VEB = 0
V(BR)CES min.
45
60 V
Emitter–base breakdown voltage
IE = 10 mA; IC = 0
V(BR)EBO min.
5
V
Collector cut–off current
VCE = 32 V; IE = 0 V
ICES
max.
20
–
nA
VCE = 45 V; IE = 0 V
ICES
max.
–
20 nA
VCE = 32 V; IE = 0 V; TA = 150°C
ICES
max.
10
–
m
A
VCE = 45 V; IE = 0 V; TA = 150°C
ICES
max.
–
10 mA
Emitter cut–off current
VEB = 4 V; IC =0
IEBO
max.
20
nA
Output capacitance at f = 1 MHz
IE = 0; VCB = 10 V
Cc
max.
18
pF
Input capacitance at f = 1 MHz
IC = 0; VEB = 0.5 V
Ce
max.
105
pF
Saturation voltages
IC = 300 mA; IB = 30 mA
VCEsat
max.
1.5
V
IC = 500 mA; IB = 50 mA
–VBEsat
max.
2
V
Noise figure at RS = 1 kW
IC = 0.2 mA; VCE = 5 V
f = 1 KHz, BW = 200 Hz
NF
max.
10
dB
Transition frequency at f = 100 MHz
IC = 20 mA; VCE = 10 V
fT
min.
100
MHz
BCW67, A, B, C
BCW68, F, G, H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com