Electronic Components Datasheet Search
  English  ▼

X  

BC817 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC817
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC817 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC817 Datasheet HTML 1Page - Continental Device India Limited BC817 Datasheet HTML 2Page - Continental Device India Limited BC817 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
SILICON PLANAR EPITAXIAL TRANSISTORS
N–P–N transistors
Marking
BC817 = 6D
BC817-16 = 6A
BC817-25 = 6B
BC817-40 = 6C
BC818 = 6H
BC818-16 = 6E
BC818-25 = 6F
BC818-40 = 6G
ABSOLUTE MAXIMUM RATINGS
BC817
BC818
Collector–emitter voltage (VBE = 0)
VCES
max.
50
30 V
Collector–emitter voltage (open base)
VCE0
max.
45
25 V
Collector current (peak value)
ICM
max.
1000
mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250
mW
Junction temperature
Tj
max.
150
° C
Transition frequency at f = 100 MHz
IC = 10mA; VCE = 5V
fT
>
100
MHz
BC817
BC818
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Jun 01
logo
Transys Electronics
BC817 TRSYS-BC817 Datasheet
49Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BC817 ZETEX-BC817 Datasheet
37Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com