Electronic Components Datasheet Search
  English  ▼

X  

FLX06 Datasheet(PDF) 1 Page - Visual Communications Company

Part # FLX06
Description  FLX ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

FLX06 Datasheet(HTML) 1 Page - Visual Communications Company

  FLX06 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
9. U.S. AND FOREIGN PATENS ISSUED.
1. ROHS COMPLIANT
LENGTH
FLX XX
CODE
02
ACTUAL
LENGTH
(ORDER
SEPARATELY)
REQUEST
CABLE JACKET
3. OPTICAL CORE ENDS POLISHED TO 10 MICRONS.
AVAILABLE UPON
CUSTOM LENGTHS
2.0"
2. MATERIALS:
12
08
8.0"
06
CLB 300
4. PANEL MOUNTING HOLE .250" (6.35mm) ON 3/8" (9.52mm)CENTERS
04
5. PANEL THICKNESS FOR CLF 280: 1/16" (1.60mm) TO 1/8" (3.18mm);
LEDS WITH OUTPUT POWER GREATER THAN 100mcd.
ORDERING CODE (EXAMPLE):
THR 5 22
CLR 301
2.2MM POLYETHYLENE
CLB 300, CLR 301 AND SQB 400: 1/32" (0.79mm) TO 1/4" (6.35mm).
6. FOR PANELS LESS THAN 3/16" (4.76mm) USE SPC 125 SPACER
7. FOR ADDED SECURITY USE RNG 268.
8. FOR BEST RESULTS USE ONLY NARROW VIEWING ANGLE NON-DIFFUSED
LIGHT PIPE ASSEMBLY
CLF 280
4.0"
12.0"
LENS OPTIONS
MOUNTING OPTIONS
(ORDER SEPARATELY)
LENS: POLYCARBONATE, UL RATING 94-V2
FOR THR 5 22 - NYLON 66, UL RATING 94-HB
LED MOUNTS: FOR SMD 22 & THR 22 - NYLON 66, UL RATING 94-V2
LENS SPACER: POLYPROPYLENE
LENS MOUNT: OPTICAL GRADE ACRYLIC
FIBER OPTIC:
LENGTH
6.0"
1.5MM OPTICAL CORE,
REVISIONS
ECN #
REV.
DESCRIPTION
DATE INITIALS CHK'D
-
001
INITIAL RELEASE
7/8/10
SMU
DZ
-
002
CHG DWG FORMAT
8/2/10
KH
AZ
-
003
REVISED PER ECR 092810AA01
10/4/10
KH
AZ
396
004
REVISED PER ECR 011812KH01
1/19/12
KH
AZ
.X
2
PERMISSION OF VISUAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
DATE
1
SHEET 1 OF 1
FLX XX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
TITLE:
8/2/10
REV
004
PROHIBITED.
OTHERWISE SPECIFIED
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.254
.127
.005
.020
.010
.XXX
2
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
ANGLE
B
SCALE: 1:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DWG. NO.
FINISH
FLX XX ASSEMBLY
APPROVAL
8/2/10
KHOWARD
AZANELLI
SEE NOTES
.XX
SEE NOTES
CHECKED
OPTOELECTRONICS
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
COMMUNICATIONS COMPANY, INC IS
PROPRIETARY AND CONFIDENTIAL
1'
BREAK ALL CORNERS AND SHARP
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
VISUAL COMMUNICATIONS COMPANY, INC.
ANY REPRODUCTION IN PART OR AS
A WHOLE WITHOUT THE WRITTEN
63
FIBER OPTIC
LENS MOUNT
.560in
14.22mm
.280in
.06in
5.16mm
±0.51
±.02
1.52mm
.230in
FIBER OPTIC LENGTH XX±.25
.203in
7.11mm
5.84mm
.040in
1.02mm
.059in
1.50mm
SQB 400
SMD 22
THR 22


Similar Part No. - FLX06

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FLX0001DP AVX-FLX0001DP Datasheet
266Kb / 2P
Communication BUS Varistor
FLX0001RP AVX-FLX0001RP Datasheet
266Kb / 2P
Communication BUS Varistor
FLX0001TP AVX-FLX0001TP Datasheet
266Kb / 2P
Communication BUS Varistor
FLX0001WP AVX-FLX0001WP Datasheet
266Kb / 2P
Communication BUS Varistor
FLX0002DP AVX-FLX0002DP Datasheet
266Kb / 2P
Communication BUS Varistor
More results

Similar Description - FLX06

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
FLX-44X VCC-FLX-44X Datasheet
44Kb / 1P
FLEXIBLE LITEPIPE FLX 44X FLEXFIRE
FLX-322 VCC-FLX-322 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
logo
ECS, Inc.
ECS-2X6-FLXR ECS-ECS-2X6-FLXR Datasheet
714Kb / 1P
The ECS-2X6-FLX is pre-formed lead configured SMD Tuning Fork Crystal.
logo
Keysight Technologies
N5432C KEYSIGHT-N5432C Datasheet
4Mb / 12P
FlexRay Measurements (Option FLX)
logo
ECS, Inc.
ECS-2X6-FLX ECS-ECS-2X6-FLX_16 Datasheet
597Kb / 2P
The ECS-2X6-FLX is a pre-formed lead configured SMD Tuning Fork Crystal
logo
PHOENIX CONTACT
2741341 PHOENIX-2741341 Datasheet
46Kb / 2P
Cinch connecting cable, for addressing FLX ASI M12 devices
2773429 PHOENIX-2773429 Datasheet
138Kb / 5P
FLX ASI DI 4 M12
2773432 PHOENIX-2773432 Datasheet
67Kb / 4P
Distributed I/O device - FLX ASI DIO 2/2 M12-2A
2773458 PHOENIX-2773458 Datasheet
67Kb / 4P
Distributed I/O device - FLX ASI DO 4 M12-2A
2773474 PHOENIX-2773474 Datasheet
139Kb / 5P
FLX ASI 3.0 DIO 4/4 M12-2A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com