Electronic Components Datasheet Search
  English  ▼

X  

LCV Datasheet(PDF) 1 Page - Visual Communications Company

Part # LCV
Description  5MM ROUND LITEPIPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LCV Datasheet(HTML) 1 Page - Visual Communications Company

  LCV Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPC 125
SPACER
(ORDER SEPERATELY
INITIALS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
KH
JS
4/23/10
1/25/96
REVISED PER ECN111009AZ01
INITIAL RELEASE
PROHIBITED.
DRAWN
CHECKED
TITLE:
B
SCALE: 6:1
DPZ
REV
DWG. NO.
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
VISUAL COMMUNICATIONS COMPANY, INC.
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
REVISIONS
5MM ROUND LITEPIPE
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
K.Howard
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
VISUAL COMMUNICATIONS COMPANY, INC. ANY
DRAWING IS THE SOLE PROPERTY OF
THE INFORMATION CONTAINED IN THIS
001
N/A
001
LCV XXX CTP
4/23/10
8. U.S. & Foreign Pat. Issued and Pend.
APPROVAL
7. Custom lengths available upon request (Minimum order quantity may apply)
U.L. 94-HB
SEE NOTES
ACRYLIC (OPTICAL GRADE)
EDGES .030 MAX
BREAK ALL CORNERS AND SHARP
6. Length is from front of panel to LED
.050" clearance between the Litepipe and LED.
1. DESIGN: Lens mounts the Litepipe securely to display panel providing 180
5.
Standoff used to adjust the height of a standard LED above the PCB and maintain a maximum
NOTES:
LENS LOCK: Insert Litepipe into lens aligning the tabs with the lens slot
4.
For Panels less than 3/16" use SPC 125
3. PANEL THICKNESS: For CLB 300 and SQB 400: 1/32" to 1/4".
viewing angle
2. MOUNTING: Panel mounting hole .250 (6.35mm) on 3/8" centers
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5/4/10
.23
(5.84mm)
AA
SECTION A-A
.32
(8.13mm)
(5.08mm)
(1.016mm)
.040
.20
XXX
LENS LOCKING TAB 4.
1.160"
136
(ORDER SEPERATELY
LENSES
1.360"
CUSTOM LENGTHS
XXX
LCV
ODERING CODE:
CTP
(SEE NOTE7)
REQUEST
AVAILABLE UPON
LENGTH CODE
036
= .360"
056
.560"
076
.760"
096
.960"
116
COLOR
CTP
CLEAR
SQB 400
CLB 300


Similar Part No. - LCV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LCV01-6 MICROSEMI-LCV01-6 Datasheet
86Kb / 2P
Bidirectional TVS Array
logo
Coilcraft lnc.
LCVDSL-100 COILCRAFT-LCVDSL-100 Datasheet
159Kb / 2P
xDSLFilterModules
LCVDSL-101 COILCRAFT-LCVDSL-101 Datasheet
159Kb / 2P
xDSLFilterModules
LCVDSL-250 COILCRAFT-LCVDSL-250 Datasheet
159Kb / 2P
xDSLFilterModules
LCVDSL-251 COILCRAFT-LCVDSL-251 Datasheet
159Kb / 2P
xDSLFilterModules
More results

Similar Description - LCV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
5mm Round LED
logo
Visual Communications C...
LCS VCC-LCS Datasheet
89Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
LMS VCC-LMS Datasheet
76Kb / 1P
5MM MOISTURE SEALED LITEPIPE
LCS032RTP VCC-LCS032RTP Datasheet
87Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
5mm Round LED
logo
List of Unclassifed Man...
QBL8IB15C ETC2-QBL8IB15C Datasheet
567Kb / 6P
5mm Round Lamp
QBL8SA40D ETC2-QBL8SA40D Datasheet
426Kb / 8P
5mm Round Lamp
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
MICRO-LITEPIPE
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
5mm Round LED
logo
List of Unclassifed Man...
QBL8R35D ETC1-QBL8R35D Datasheet
716Kb / 11P
5mm Round Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com