Electronic Components Datasheet Search
  English  ▼

X  

SMS172ATP Datasheet(PDF) 1 Page - Visual Communications Company

Part # SMS172ATP
Description  3MM FRESNEL LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SMS172ATP Datasheet(HTML) 1 Page - Visual Communications Company

  SMS172ATP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.192in
4.87mm
3.91mm
.154in
4.32mm
.170in
.270in
6.86mm
.193in
4.91mm
MOISTURE
SEAL
PHONE: (800) 522-5546 EMAIL: vccsales@vcclite.com
ANY REPRODUCTION IN PART OR AS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1'
DATE
DRAWING IS THE SOLE PROPERTY OF
OTHERWISE SPECIFIED
VISUAL COMMUNICATIONS COMPANY, INC.
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.254
.127
.005
.020
.010
.XXX
.XX
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
THE INFORMATION CONTAINED IN THIS
B
SCALE: 10:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DWG. NO.
3MM FRESNEL LENS
W/ MOISTURE SEAL,
ANGLE
.X
APPROVAL
SMS 172 XXX
2/20/12
KHOWARD
AZANELLI
SEE NOTES
PROPRIETARY AND CONFIDENTIAL
BREAK ALL CORNERS AND SHARP
FINISH
TITLE:
A WHOLE WITHOUT THE WRITTEN
REV
12780 DANIELSON CT, SUITE A, POWAY, CA 92064 U.S.A
COMMUNICATIONS COMPANY, INC IS
ROUND LOW PROFILE
PROHIBITED.
000
CHECKED
SEE NOTES
3/5/12
PERMISSION OF VISUAL
NOTES:
ROHS COMPLIANT
1.
MATERIAL: LENS - POLYCARBONATE, UL 94-V2
2.
MOISTURE SEAL - EPDM
3.
MOUNTING: MOUNTS IN A
.171" .002 [
4.34mm .05] PANEL HOLE ON
4.
.250" [6.35mm] CENTER
PANEL HOLE SHALL BE DEBURRED, BUT NOT CHAMFERED
5.
PANEL THICKNESS: .031" [.8 mm] to .094" [2.39mm]
6.
ASSEMBLY:
7.
A.) INSERT LENS INTO PANEL HOLE
B.) SLIDE RNG 132 RETAINING RING ON BACK OF LENS
C.) INSERT LED INTO LENS
U.S. & FOREIGN PATENT ISSUED
8.
ORDERING CODE :
REVISIONS
RNG 132
XXX
SMS 172
DATE
REV.
ECN #
DESCRIPTION
MODEL
INITIALS CHK'D
353
000
INITIAL RELEASE
2/20/12
AZ
KH
(ORDER SEPARATELY)
RETAINING RING
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
LENS
RNG 132
RETAINING RING
LED
PCB
DISPLAY PANEL
ASSEMBLY


Similar Part No. - SMS172ATP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS172ATP ETC2-SMS172ATP Datasheet
96Kb / 1P
3MM FRESNEL LENS W/ MOISTURE SEAL, ROUND LOW PROFILE
More results

Similar Description - SMS172ATP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
logo
List of Unclassifed Man...
SMS172XXX ETC2-SMS172XXX Datasheet
96Kb / 1P
3MM FRESNEL LENS W/ MOISTURE SEAL, ROUND LOW PROFILE
logo
Visual Communications C...
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
HMC-461 VCC-HMC-461 Datasheet
93Kb / 1P
10MM ROUND STANDARD FRESNEL LENS
SMB200 VCC-SMB200 Datasheet
81Kb / 1P
PROFILE FRESNEL LENS 3MM ROUND LOW
SMC170 VCC-SMC170 Datasheet
74Kb / 1P
LOW PROFILE LENS 3MM ROUND FRESNEL
SML190 VCC-SML190 Datasheet
81Kb / 1P
HEIGHT FRESNEL LENS 3MM ROUND STANDARD
SMQ250 VCC-SMQ250 Datasheet
75Kb / 1P
PROFILE FRESNEL LENS 3MM SQUARE LOW
logo
List of Unclassifed Man...
FRESNEL-LENS ETC-FRESNEL-LENS Datasheet
214Kb / 2P
Fresnel lens
logo
LUMEX INC.
SSI-LXH387GD-255 LUMEX-SSI-LXH387GD-255 Datasheet
87Kb / 1P
T-5mm FRESNEL LENS PANEL INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com