Electronic Components Datasheet Search
  English  ▼

X  

THR522 Datasheet(PDF) 1 Page - Visual Communications Company

Part # THR522
Description  HOLE LED MOUNT, 5mm THROUGHUL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

THR522 Datasheet(HTML) 1 Page - Visual Communications Company

  THR522 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.10in 2.5mm
CLEARANCE
0.31in 8.0mm
2X
.04in 0.9mm
SECTION A-A
SCALE 4 : 1
16mm
.63in
4.6mm
.20in
.18in
.39in 10mm
5mm
.31in 7.8mm
LIGHT PIPE
DEVICE LAYOUT
PRESS FIBER OPTIC IN
3
CLIP ONTO LED
1
SOLDER IN PLACE
AS ASSEMBLED
RECOMMENDED PWB
2
LIGHT PIPE PREPARATION
AND SEQUENCE OF ASSSEMBLY
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
388
000
INITIAL RELEASE
1/4/12
KH
AZ
404
001
REVISED PER ECR 020612KH01
2/6/12
KH
AZ
VISUAL COMMUNICATIONS COMPANY, INC.
SCALE: 5:1
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
ANY REPRODUCTION IN PART OR AS
3.2
A WHOLE WITHOUT THE WRITTEN
OTHERWISE SPECIFIED
OUTPUT POWER GREATER THAN 100mcd.
MM
GENERAL TOLERANCES UNLESS
INCHES
.250
.127
.025
.001
.010
.005
.XXX
.XX
1
NYLON 6/6, BLACK
DRAWING IS THE SOLE PROPERTY OF
DIMENSION STYLE: INCHES [MM]
.X
PERMISSION OF VISUAL
EDGES .030 MAX
DRAWN
B
PROHIBITED.
DWG. NO.
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DATE
ANGLE
BREAK ALL CORNERS AND SHARP
HOLE LED
APPROVAL
THR 5 22
1/4/12
KHOWARD
FINISH
MOUNT, 5mm THROUGH-
UL 94-HB
PROPRIETARY AND CONFIDENTIAL
AZANELLI
1/2
TITLE:
THE INFORMATION CONTAINED IN THIS
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
6.
REV
COMMUNICATIONS COMPANY, INC IS
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
OPTOELECTRONICS
CHECKED
SEE NOTES
1/10/12
001
NOTES
ROHS COMPLIANT.
1.
UL 94-HB FLAMMABILITY RATING.
2.
-40 C TO 85 C OPERATING TEMPERATURE.
3.
SUITABLE FOR LIGHT PIPE WITH
2.2MM JACKET AND OPTICAL CORE NO GREATER
4.
THAN
1.5MM.
DO NOT WAVE SOLDER WITH THIS DEVICE.
5.
FOR BEST RESULTS USE ONLY NARROW VIEWING ANGLE NON-DIFFUSED LEDS WITH
SURFACE
TEXTURE:
.06in 1.5mm
A
A
JACKET
TRIMMED
FIBER OPTIC
5MM LED
MAX
0.04in 1.2mm
1.5±0.5
0.06in±.02
5.3mm
.35in
.21in
5.8mm
8.9mm
.34in 8.6mm
.23in
.20in 5mm


Similar Part No. - THR522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THR5 ETC1-THR5 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
More results

Similar Description - THR522

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL523-1Y01 P-TEC-PL523-1Y01 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1Y01-2 P-TEC-PL523-1Y01-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1G13-2 P-TEC-PL524-1G13-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1R12-2 P-TEC-PL524-1R12-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1Y01-2 P-TEC-PL524-1Y01-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
logo
Dialight Corporation
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
LED Panel Mount Indicators for 5mm Mounting Hole
logo
P-tec Corporation
PL85-WDRG4236 P-TEC-PL85-WDRG4236 Datasheet
26Kb / 1P
5mm Thru hole LED
PL523-1Y01 P-TEC-PL523-1Y01_14 Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1G13 P-TEC-PL524-1G13_14 Datasheet
76Kb / 1P
5mm LED Panel Mount Metal Holder
logo
LUMEX INC.
SSI-LXH600GD-300NS LUMEX-SSI-LXH600GD-300NS Datasheet
99Kb / 1P
T-5mm LED, PANEL MOUNT INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com