Electronic Components Datasheet Search
  English  ▼

X  

LMS033GLO Datasheet(PDF) 1 Page - Visual Communications Company

Part # LMS033GLO
Description  5MM MOISTURE SEALED LITEPIPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LMS033GLO Datasheet(HTML) 1 Page - Visual Communications Company

  LMS033GLO Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.051) panel hole on .375 (9.53mm) centers.
LENS
1.
Panel thickness .031 (.8mm) to .125 (3.18mm). Panel hole shall be deburred, but not chamfered.
panel. Slide PCB into position aligning LED with the end of the Litepipe unit.
ASSEMBLY: Insert Litepipe through the panel hole and press on retaining ring to secure unit to
2.
MATERIAL: Litepipe - Acrylic (Clear optical grade) UL 94-HB
AMBER TRANSPARENT
RED TRANSPARENT
RTP
XXX
133
.330"
ATP
033
COLOR
XXX =
ASSEMBLY
3.
Lens - Polycarbonate UL 94-V2
Seal - TPE
Retaining Ring - Polypropylene (Black)
4.
Meets NEMA 4/IP 56 standards
5.
U.S. & Foreign Pat. Issued
053
LMS
GTP
ORDERING CODE:
REQUEST
CUSTOM LENGTHS
1.33"
WHITE TRANSLUCENT
GLO
CLEAR TRANSPARENT
CTP
YELLOW TRANSPARENT
YTP
BLUE TRANSPARENT
BTP
GREEN TRANSPARENT
XXX
.530"
073
.730"
093
0.93"
113
1.13"
.002 (7.14mm
LITEPIPE
XXX =
LENGTH
AVAILABLE UPON
NOTES:
MOUNTING: Mounts in a
.281
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
001
REVISED PER ECR 111009AZ01
8/18/10
KH
DPZ
002
MODIFIED GENERAL TOLERANCE .XX
11/14/11
RL
AZ
MOISTURE
SEAL
RETAINING
RING
.165
(5.080mm)
.280
(7.112mm)
.XXX
(9.144mm)
.200
.360
(4.191mm)
.300
(7.620mm)
SEE NOTES
APPROVAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
CHECKED
DPZ
ANGLE
OTHERWISE SPECIFIED
FINISH
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.381
.127
.005
.020
.015
.XXX
.XX
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
B
PROHIBITED.
DWG. NO.
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DATE
1'
002
LITEPIPE
BREAK ALL CORNERS AND SHARP
LMS XXX XXX
8/18/10
K HOWARD
SEE NOTES
PROPRIETARY AND CONFIDENTIAL
SCALE: 6:1
.X
OPTOELECTRONICS
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
COMMUNICATIONS COMPANY, INC IS
5MM MOISTURE SEALED
8/19/10
TITLE:
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
VISUAL COMMUNICATIONS COMPANY, INC.
ANY REPRODUCTION IN PART OR AS
A WHOLE WITHOUT THE WRITTEN
PERMISSION OF VISUAL
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
REV


Similar Part No. - LMS033GLO

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMS03N10A LEIDITECH-LMS03N10A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
More results

Similar Description - LMS033GLO

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
MO220 EXTECH-MO220 Datasheet
189Kb / 15P
Moisture Meter
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
logo
List of Unclassifed Man...
LSS-MOISTURE ETC2-LSS-MOISTURE Datasheet
56Kb / 1P
LSS- Moisture-sealed
LSSXXXXXX ETC2-LSSXXXXXX Datasheet
92Kb / 1P
ASSY, 3MM MOISTURE SEALED LITEPIPE
logo
Visual Communications C...
FLX3 VCC-FLX3 Datasheet
28Kb / 1P
LITEPIPE 3MM FLEXFIRE FLEXIBLE
LCS VCC-LCS Datasheet
89Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
LCV VCC-LCV Datasheet
75Kb / 1P
5MM ROUND LITEPIPE
LCS032RTP VCC-LCS032RTP Datasheet
87Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
MICRO-LITEPIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com