Electronic Components Datasheet Search
  English  ▼

X  

SP221 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # SP221
Description  RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SP221 Datasheet(HTML) 2 Page - Polyfet RF Devices

  SP221 Datasheet HTML 1Page - Polyfet RF Devices SP221 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2C Die 1 ID & GM vs VG
0.01
0.10
1.00
10.00
02468
10
12
14
16
Vgs in Volts
I
S2C 1 DIE CAPACITANCE
0.1
1
10
100
1000
0
4
8
12
16
20
24
28
VDS IN VOLTS
Coss
Ciss
Crss
SP221 Pin vs Pout Freq=850Mhz; Vds=12.5Vdc,
Idq=.2A
0
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
0.5
Pin in Watts
7
8
9
10
11
12
13
14
15
Pout
Gain
Efficiency @ 2W = 45%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
SP221
S2C Die 1 IVCURVE
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
14
16
18
20
VDS INVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 06/04/2008
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com