Electronic Components Datasheet Search
  English  ▼

X  

2KBPO1G Datasheet(PDF) 1 Page - Fuji Electric

Part # 2KBPO1G
Description  2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2KBPO1G Datasheet(HTML) 1 Page - Fuji Electric

  2KBPO1G Datasheet HTML 1Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2KBPOO5G Thru 2KBP10G
2 AMP GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
FEATURES
Rating to IOOOV PRV
Surge overload rating to 65 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
UL recognized: File #El06441
UL recognized 94V-0 plastic material
Mechanical Data
Case: Molded plastic
Leads: Tin plated copper
Leads solderable per MIL-STD-202,
Method 208
Weight: 0.05 ounce, 1.52 grams
Maximum Ratings & Characteristics
Ratings at 25” C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
n Outline Drawing
2KBP-G
2KBP
2KBP
2KBP
2KBP
2KBP
2KBP
0056
OlG
02G
04G
06G
086
‘,yGp
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
v
Maximum DC Blocking Voltage
VOC
60
100
200
400
600
800
1000
v
Maximum Average Forward
Outout Current
TA
65°C
I
I
’ (Av)
2.0
A
Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
lFSM
65
A
Superimposed On Rated Load
Maximum DC Forward Voltage Drop per Element
At 1 .OA DC
VF
1.1
V
Maximum DC Reverse Current At Rated@ TA = 25°C
DC Blocking Voltage per Element
IR
5
@TA= 125°C
500
CLA
I2
t Rating for Fusing (t c 8.3ms)
I2
t
17.5
A2 S
Typical Junction Capacitance Per Element *
CJ
25
PF
Typical Thermal Resistance ‘*
RCm J-Q
14
“CMI
Operating Temperature Range
TJ
-55 to +150
“C
Storage Temperature Range
TSTG
-55 to +150
“C
Notes:
*Measured at 1 .OMHZ and applied reverse voltage of 4.OV DC
l
* Thermal resistance junction to case
Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX 75370 - 972-733-1700 - http://www.collmer.com


Similar Part No. - 2KBPO1G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBP IRF-2KBP Datasheet
47Kb / 3P
2A single phase rectifier bridge
logo
Vishay Siliconix
2KBP VISHAY-2KBP Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
2KBP VISHAY-2KBP Datasheet
114Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
logo
Shenzhen Luguang Electr...
2KBP-G LUGUANG-2KBP-G Datasheet
206Kb / 1P
2A Glass Passivated Silicon Bridge Rectifier
logo
RFE international
2KBP001M RFE-2KBP001M Datasheet
230Kb / 2P
BRIDGE RECTIFIERS 0.8 to 1.5 Amps
More results

Similar Description - 2KBPO1G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2KBP005G FUJI-2KBP005G Datasheet
762Kb / 1P
2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF005M FUJI-DF005M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
KBP005G FUJI-KBP005G Datasheet
514Kb / 1P
1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
FBI2B5S2 ETC-FBI2B5S2 Datasheet
32Kb / 2P
2. Amp. Glass Passivated Bridge Rectifier
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI2A4S1 ETC1-FBI2A4S1 Datasheet
37Kb / 2P
2 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com