Electronic Components Datasheet Search
  English  ▼

X  

BC303 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC303
Description  PNP EXPITAXIAL PLANAR SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC303 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC303 Datasheet HTML 1Page - Continental Device India Limited BC303 Datasheet HTML 2Page - Continental Device India Limited BC303 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP EXPITAXIAL PLANAR SILICON TRANSISTORS
BC303, BC304
TO-39
Metal Can Package
PNP SILICON LOW-AND MEDIUM POWER TRANSISTORS.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC303
BC304
UNITS
Collector Emitter Voltage
VCEO
60
45
V
Collector Base Voltage
VCBO
85
60
V
Emitter Base Voltage
VEBO
7.0
7.0
V
Collector Current
IC
500
mA
Power Dissipation @ Ta=25ºC
PD
850
mW
Junction Temperature
Tj
175
ºC
StorageTemperature Range
Tstg
-65 to +200
ºC
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
MIN
MAX
UNITS
Collector Cut off Current
ICBO
VCB=85V, IE=0
20
nA
VCB=60V, IE=0
20
nA
DC Current Gain
hFE
BC303 / BC304
IC=150mA,VCE=10V
40
240
BC303 / 304-5
70
140
IC=150mA,VCE=10V
BC303 / 304-6
120
240
IC=150mA,VCE=10V
Collector Emitter Sat. Voltage
VCE(Sat) IC=150mA,IB=15mA
ALL
0.65
V
DYNAMICS CHARACTERISTICS
Transition Frequency
fT
IC=50mA, VCE=10V
ALL
0.65
MHz
f=100MHz
BC303
BC304
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC303

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC303 MICRO-ELECTRONICS-BC303 Datasheet
122Kb / 2P
PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC303 CENTRAL-BC303 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC303 SEME-LAB-BC303 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
List of Unclassifed Man...
BC303 ETC-BC303 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Seme LAB
BC303-4 SEME-LAB-BC303-4 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
More results

Similar Description - BC303

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
RLS245 SEMTECH-RLS245 Datasheet
62Kb / 1P
Silicon Expitaxial Planar Diode?
logo
Unisonic Technologies
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_05 Datasheet
116Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MPSA92 SEMTECH_ELEC-MPSA92 Datasheet
193Kb / 3P
PNP Silicon Expitaxial Planar Transistor
logo
Unisonic Technologies
TIP32C UTC-TIP32C_09 Datasheet
136Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Continental Device Indi...
2N4037 CDIL-2N4037 Datasheet
203Kb / 3P
PNP SILICON PLANAR EXPITAXIAL TRANSISTOR.
logo
Unisonic Technologies
TIP32C UTC-TIP32C_15 Datasheet
144Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Dongguan Pingjingsemi T...
MPSA92SQ PJSEMI-MPSA92SQ Datasheet
1Mb / 3P
PNP Silicon Expitaxial Planar Transistor
MPSA94SQ PJSEMI-MPSA94SQ Datasheet
461Kb / 4P
PNP Silicon Expitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com