Electronic Components Datasheet Search
  English  ▼

X  

BC184C Datasheet(PDF) 5 Page - Continental Device India Limited

Part # BC184C
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC184C Datasheet(HTML) 5 Page - Continental Device India Limited

  BC184C Datasheet HTML 1Page - Continental Device India Limited BC184C Datasheet HTML 2Page - Continental Device India Limited BC184C Datasheet HTML 3Page - Continental Device India Limited BC184C Datasheet HTML 4Page - Continental Device India Limited BC184C Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packaging Information
T & A: Tape and Ammo Pack; T & R: Tape and Red; Bulk: Loose in Poly bags; Tube: Tube and Ammo Pack; k: 1.000
Std. Packing
Size L x W x H
Gross Weight
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
Bulk
1,000
5K
19x19x8
1.10
80K
43x40x35
20.0
T&A
2,000
2K
32x4.5x20
0.70
40K
43x40x35
15.20
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
BC182_184Rev_1 201205E
Disclaimer
TO-92
Customer Notes
Inner Carton
Outer Carton
Package/Case
Type
Packaging Type
Qty
Qty
Qty
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in
your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the
Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD
are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information.
Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey
any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or
systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any
life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).CDIL strives for continuous improvement and reserves the right to change the specifications of its products
without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 5 of 5
For Lead Free Parts, Device Part #
will be Prefixed with "T"
TO-92
Plastic Package
BC182, A, B
BC183, A, B, C
BC184, B, C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com