Electronic Components Datasheet Search
  English  ▼

X  

BAT42W Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT42W
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT42W Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT42W Datasheet HTML 1Page - Continental Device India Limited BAT42W Datasheet HTML 2Page - Continental Device India Limited BAT42W Datasheet HTML 3Page - Continental Device India Limited BAT42W Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR SCHOTTKY DIODES
BAT42W / BAT43W
SOD-123
PLASTIC PCAKAGE
Marking Codes: BAT42W= L2 with cathode band
BAT43W= L3 with cathode band
These Diodes Feature Very Low Turn-on Voltage and Fast Switching
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Forward Continuous Current at Tamb=25ºC
IF
mA
Repetitive Peak Forward Current tp <1ms δδ
<0.5, Tamb=25ºC
IFRM
mA
Surge Forward Current at tp <10m, Tamb=25ºC
*IFSM
A
Power Dissipation Ta=65ºC
*Ptot
mW
Junction Temperature
Tj
oC
Ambient Operating Temperature Range
Tamb
oC
Storage Temperature Range
Tstg
oC
THERMAL RESISTANCE
Junction to Ambient in free air
*Rth (j-a)
oC/W
*Valid provided that electrodes are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Reverse Breakdown Voltage
V(BR)R
IR=100µA
30
V
Reverse Current
**IR
VR=25V
µA
VR=25V,
Tj=100ºC
µA
Forward Voltage
**VF
IF=200mA
V
IF=10mA
BAT42W
V
IF=50mA
BAT42W
V
IF=2mA
BAT43W
0.26
V
IF=15mA
BAT43W
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Diode Capacitance
Cd
VR=1V, f=1MHz
pF
Reverse Recovery Time
trr
IF=10mA to IR=10mA, to
IR=1mA, RL=100Ω
ns
Detection Efficiency
π
v
RL=15KΩ , CL=300pF,
f=45MHz, VRF=2V
80
%
BAT42W_43W Rev020310E
TYP 7.0
VALUE
30
200
4.0
500
200
300
- 55 to +150
Pulse test tp=300µ
µs δδ <2%
5
MAX
0.40
0.65
0.33
0.45
1.0
125
- 55 to +125
0.5
100
MAX
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
BAT42W WTE-BAT42W Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42W DIODES-BAT42W Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 5 - 2
logo
General Semiconductor
BAT42W GE-BAT42W Datasheet
39Kb / 2P
Schottky Diodes
logo
Jiangsu Changjiang Elec...
BAT42W JIANGSU-BAT42W Datasheet
321Kb / 3P
SCHOTTKY DIODE
More results

Similar Description - BAT42W

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BAT64 CDIL-BAT64 Datasheet
139Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
logo
Continental Device Indi...
BAT54A CDIL-BAT54A Datasheet
141Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT54 CDIL-BAT54 Datasheet
133Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
BAT42 CDIL-BAT42 Datasheet
91Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com